Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22810 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS22810
Description  2.7-18-V, On-Resistance Load Switch With Thermal Protection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22810 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS22810_17 Datasheet HTML 13Page - Texas Instruments TPS22810_17 Datasheet HTML 14Page - Texas Instruments TPS22810_17 Datasheet HTML 15Page - Texas Instruments TPS22810_17 Datasheet HTML 16Page - Texas Instruments TPS22810_17 Datasheet HTML 17Page - Texas Instruments TPS22810_17 Datasheet HTML 18Page - Texas Instruments TPS22810_17 Datasheet HTML 19Page - Texas Instruments TPS22810_17 Datasheet HTML 20Page - Texas Instruments TPS22810_17 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
17
TPS22810
www.ti.com
SLVSDH0B – DECEMBER 2016 – REVISED MAY 2017
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
CT is the the capacitance value on the CT pin (in pF)
The units for the constant a are µs/V. The units for the constant b are µs/(V × pF).
(3)
Rise time can be calculated by multiplying the input voltage by the slew rate. Table 2 contains rise time values
measured on a typical device. Rise times shown below are only valid for the power-up sequence where VIN is
already in steady state condition before the EN/UVLO pin is asserted high.
Table 2. Rise Time Table
CT (pF)
RISE TIME (µs) 10% - 90%, CL = 0.1 µF, CIN = 1 µF, RL = 10 Ω
VIN = 18 V
VIN = 12 V
VIN = 9 V
VIN = 5 V
VIN = 3.3 V
0
115
91
78
60
98
470
136
94
80
63
98
1000
310
209
158
91
102
2200
688
464
345
198
135
4700
1430
957
704
397
265
10000
3115
2085
1540
864
550
27000
8230
5460
4010
2245
1430
9.3.5 Thermal Shutdown
The switch disables when the junction temperature (TJ) rises above the thermal shutdown threshold, TSD. The
switch re-enables once the temperature drops below the TSD – TSD,HYS value.
9.4 Device Functional Modes
The features of the TPS22810 depend on the operating mode. Table 3 summarizes the Device Functional
Modes.
Table 3. Function Table
EN/UVLO
Device State
L
Disabled
H
Enabled


Similar Part No. - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810DBVR TI1-TPS22810DBVR Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810DBVT TI1-TPS22810DBVT Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810TDBVRQ1 TI1-TPS22810TDBVRQ1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results

Similar Description - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
On-Resistance, Integrated Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
On-Resistance Load Switch
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
On-Resistance Load Switch
TPS22810 TI1-TPS22810 Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com