Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22810 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS22810
Description  2.7-18-V, On-Resistance Load Switch With Thermal Protection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22810 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS22810_17 Datasheet HTML 12Page - Texas Instruments TPS22810_17 Datasheet HTML 13Page - Texas Instruments TPS22810_17 Datasheet HTML 14Page - Texas Instruments TPS22810_17 Datasheet HTML 15Page - Texas Instruments TPS22810_17 Datasheet HTML 16Page - Texas Instruments TPS22810_17 Datasheet HTML 17Page - Texas Instruments TPS22810_17 Datasheet HTML 18Page - Texas Instruments TPS22810_17 Datasheet HTML 19Page - Texas Instruments TPS22810_17 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
VIN
VOUT
CIN
VIN
EN/
UVLO
GND
GATE
CONTROL
Thermal
Shutdown
2.54 V
2.4 V
1.23 V
1.13 V
CL
Copyright © 2016, Texas Instruments Incorporated
VIN
VOUT
CIN
VIN
EN/
UVLO
GND
GATE
CONTROL
Thermal
Shutdown
2.54 V
2.4 V
1.23 V
1.13 V
CL
GPIO
Copyright © 2016, Texas Instruments Incorporated
16
TPS22810
SLVSDH0B – DECEMBER 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 19. Using 1.8 V/3.3 V GPIO Signal Directly from Processor
Figure 20. Default UVLO Threshold V(UVR) Using No Additional External Components
9.3.4 Adjustable Rise Time (CT)
A capacitor to GND on the CT pin sets the slew rate. The voltage on the CT pin can be as high as 2.5 V. An
approximate formula for the relationship between CT and slew rate is shown in Equation 3. This equation
accounts for 10% to 90% measurement on VOUT and does NOT apply for CT < 1 nF.
Use Table 2 to determine rise times for when Ct
≥ 1 nF.
SR = 46.62 / Ct
where
SR is the slew rate (in V/µs)


Similar Part No. - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810DBVR TI1-TPS22810DBVR Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810DBVT TI1-TPS22810DBVT Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810TDBVRQ1 TI1-TPS22810TDBVRQ1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results

Similar Description - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
On-Resistance, Integrated Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
On-Resistance Load Switch
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
On-Resistance Load Switch
TPS22810 TI1-TPS22810 Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com