Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34063 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MC34063
Description  DC-DC CONVERTER CONTROL CIRCUITS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC34063 Datasheet(HTML) 3 Page - STMicroelectronics

  MC34063 Datasheet HTML 1Page - STMicroelectronics MC34063 Datasheet HTML 2Page - STMicroelectronics MC34063 Datasheet HTML 3Page - STMicroelectronics MC34063 Datasheet HTML 4Page - STMicroelectronics MC34063 Datasheet HTML 5Page - STMicroelectronics MC34063 Datasheet HTML 6Page - STMicroelectronics MC34063 Datasheet HTML 7Page - STMicroelectronics MC34063 Datasheet HTML 8Page - STMicroelectronics MC34063 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuits, VCC = 5V, Ta = TLOW to THIGH, unless
otherwise specified, see note 2)
OSCILLATOR
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
fOSC
Frequency
Vpin5 = 0 V
CT = 1 nF
Ta = 25
oC
243342
KHz
Ichg
Charge Currernt
VCC = 5 to 40 V
Ta = 25
oC
24
33
42
µA
Idischg
Discharge Current
VCC = 5 to 40 V
Ta = 25
oC
140
200
260
µA
Idischg/Ichg Discharge to Charge
Current Ratio
Pin 7 = VCC
Ta = 25
oC
5.2
6.2
7.5
Vipk(sense) Current Limit Sense Voltage
Ichg = Idischg
Ta = 25
oC
250
300
350
mV
OUTPUT SWITCH
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCE(sat)
Saturation Voltage,
Darlington Connection
ISW = 1 A
Pins 1, 8 connected
1
1.3
V
VCE(sat)
Saturation Voltage
ISW = 1 A
Rpin8 = 82
Ω to VCC,
Forced
β ~ 20
0.45
0.7
V
hFE
DC Current Gain
ISW = 1 A
VCE = 5 V
Ta = 25
oC50
120
IC(off)
Collector Off-State Current
VCE = 40 V
0.01
100
µA
COMPARATOR
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vth
Threshold Voltage
Ta = 25
oC
Ta = TLOW to THIGH
1.225
1.21
1.25
1.275
1.29
V
V
Regline
Threshold Voltage Line
Regulation
VCC = 3 to 40 V
1
5
mV
IIB
Input Bias Current
VIN = 0 V
-5
-400
nA
TOTAL DEVICE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICC
Supply Current
VCC = 5 to 40 V
CT = 1 nF
Pin 7 = VCC
Vpin5 > Vth Pin 2 = GND
Remaining pins open
for MC34063A
for MC34063E
2.5
1.5
4
4
mA
mA
VSTART-UP Start-up Voltage (note 4)
Ta = 25
oC
CT = 1
µF
Pin 5 = 0 V
for MC34063A
for MC34063E
2.1
1.5
V
V
NOTES:
1) Maximum package power dissipation limit must be observed.
2) TLOW = 0
oC, THIGH = 70 oC (AC and EC series); TLOW = -40 oC, THIGH = 85 oC (AB series); TLOW = -40 oC, THIGH = 125 oC (EB series).
3) If Darlington configuration is not used, care must be taken to avoid deep saturation of output switch. The resulting switch-off time may be
adversely affected. In a Darlington configuration the following output driver condition is suggested:
Forced
β of output current switch = ICOUTPUT/(ICDRIVER - 1mA*) ≥ 10
* Current less due to a built in 1K
Ω antileakage resistor.
4) Start-up Voltage is the minimum Power Supply Voltage at which the internal oscillator begins to work.
MC34063A/E
3/15


Similar Part No. - MC34063

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063 ONSEMI-MC34063 Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
Fairchild Semiconductor
MC34063 FAIRCHILD-MC34063 Datasheet
46Kb / 8P
   SMPS Controller
logo
Analog Intergrations Co...
MC34063 AIC-MC34063 Datasheet
126Kb / 9P
   DC/DC CONVERTER CONTROL CIRCUIT
logo
ON Semiconductor
MC34063 ONSEMI-MC34063 Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
logo
First Components Intern...
MC34063 FCI-MC34063 Datasheet
276Kb / 5P
   DC to DC converted Controller
More results

Similar Description - MC34063

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC34063A ETC1-MC34063A Datasheet
124Kb / 10P
   DC-DC Converter Control Circuits
logo
STMicroelectronics
MC34063AB STMICROELECTRONICS-MC34063AB Datasheet
993Kb / 23P
   DC/DC converter control circuits
logo
HTC Korea TAEJIN Techno...
MC34063A HTC-MC34063A Datasheet
178Kb / 11P
   DC-DC Converter Control Circuits
logo
Leshan Radio Company
LR34063 LRC-LR34063 Datasheet
244Kb / 12P
   DC-DC Converter Control Circuits
logo
STMicroelectronics
MC34063A STMICROELECTRONICS-MC34063A Datasheet
130Kb / 15P
   DC-DC CONVERTER CONTROL CIRCUITS
logo
List of Unclassifed Man...
AMC34063 ETC-AMC34063 Datasheet
275Kb / 9P
   DC-DC CONVERTER CONTROL CIRCUITS
logo
Shenzhen Huazhimei Semi...
HM3135 HMSEMI-HM3135 Datasheet
673Kb / 10P
   DC-DC CONVERTER CONTROL CIRCUITS
HM3134 HMSEMI-HM3134 Datasheet
1Mb / 13P
   DC-DC CONVERTER CONTROL CIRCUITS
logo
HTC Korea TAEJIN Techno...
MC34063AB HTC-MC34063AB Datasheet
435Kb / 12P
   DC-DC Converter Control Circuits
logo
ADDtek Corp
AMC34063A ADDTEK-AMC34063A Datasheet
205Kb / 9P
   DC-DC CONVERTER CONTROL CIRCUITS
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com