Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2G2IS Datasheet(PDF) 8 Page - STMicroelectronics

Part # L2G2IS
Description  Embedded temperature sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G2IS Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L2G2IS Datasheet HTML 4Page - STMicroelectronics L2G2IS Datasheet HTML 5Page - STMicroelectronics L2G2IS Datasheet HTML 6Page - STMicroelectronics L2G2IS Datasheet HTML 7Page - STMicroelectronics L2G2IS Datasheet HTML 8Page - STMicroelectronics L2G2IS Datasheet HTML 9Page - STMicroelectronics L2G2IS Datasheet HTML 10Page - STMicroelectronics L2G2IS Datasheet HTML 11Page - STMicroelectronics L2G2IS Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Terminology & functionality
L2G2IS
8/26
DocID027248 Rev 2
2
Terminology & functionality
2.1
Sensitivity
An angular rate gyroscope is a device that produces a positive-going digital output for
counterclockwise rotation around the sensitive axis considered. Sensitivity describes the
gain of the sensor and can be determined by applying a defined angular velocity to it. This
value changes very little over temperature and time.
2.2
Zero-rate level
The zero-rate level describes the actual output signal if there is no angular rate present. The
zero-rate level of highly accurate MEMS sensors is, to some extent, a result of stress to the
sensor and therefore the zero-rate level can slightly change after mounting the sensor on a
printed circuit board or after exposing it to extensive mechanical stress. This value changes
very little over temperature and time.
2.3
Data-ready interrupt and synchronous reading
On the L2G2IS the angular rate data can be retrieved using a synchronous read. To perform
a synchronous read, CTRL_REG3 (0Dh) (DRDY_EN) has to be set to '1' in order to enable
the data-ready interrupt on the DRDY pin (refer to Figure 4). To properly perform a
synchronous read, the angular rate data have to be read every time the DRDY pin goes
high.
The DRDY signal can be latched (default condition) or pulsed if the CTRL_REG1 (0Bh)
(P_DRDY) is set to ‘1’. When a latched condition is selected, the interrupt goes low when
the high part of one of the output channels is read (OUT_X_H (04h) or OUT_Y_H (06h)) and
returns high when new data is generated. When a pulsed condition is selected, the interrupt
behavior is independent from the reading operations and remains high for 75 μsec every
time new data is generated. The DRDY pin is set by default as push-pull output, but it can
be configured as open-drain output by setting CTRL_REG3 (0Dh) (PP_OD) to ‘1’.
2.4
Temperature sensor
The temperature data can be retrieved from the TEMP_OUT_L (01h), TEMP_OUT_H (02h)
register, as two’s complement data in 12-bit format left-justified. The output of the
temperature sensor is 0 at 25 °C.


Similar Part No. - L2G2IS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L2G3IS STMICROELECTRONICS-L2G3IS Datasheet
696Kb / 26P
MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
December 2013 Rev 3
L2G3ISTR STMICROELECTRONICS-L2G3ISTR Datasheet
696Kb / 26P
MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
December 2013 Rev 3
More results

Similar Description - L2G2IS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
TEMPERATURE SENSOR
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
STMicroelectronics
LIS2HH12 STMICROELECTRONICS-LIS2HH12 Datasheet
1Mb / 47P
Embedded temperature sensor
December 2015 Rev 5
LPS25H STMICROELECTRONICS-LPS25H Datasheet
1Mb / 45P
Embedded temperature compensation
April 2016 Rev 5
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
Embedded temperature compensation
July 2016 Rev 1
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
Embedded temperature compensation
February 2017 Rev 2
LSM6DS0 STMICROELECTRONICS-LSM6DS0 Datasheet
1Mb / 59P
Embedded temperature sensor
November 2014 Rev 3
LSM303D STMICROELECTRONICS-LSM303D Datasheet
1Mb / 52P
Embedded temperature sensor
November 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com