Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW24500E Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW24500E
Description  Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW24500E Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW24500E_17 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Capacity
affected
by Temperature
(10hour rate)
Terminal
Cycle
Float
Capacity
25℃(77℉)
Internal Resistance
Charge
(constant
Voltage)
10 hour rate(45 A)
5 hour rate(72A)
1 hour rate(270 A)
450 AH
360 AH
270 AH
1.5 hour discharge to 1.75 V
Full charged Battery at 25 (77 )
180 A
0.6 mΩ
40℃(104℉)
25℃(77℉)
0℃(32℉)
-15℃(5℉)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T20
Initial Charging Current less than 112.5 A
Voltage 2.35-2.40V
Voltage 2.25-2.30V
φ20
M8×20
SW24500E(2V450AH)
900A
450A
225A
90A
45A
1.70
2.30
1.90
2.00
2.10
2.20
1.80
1.60
1.50
(h)
(min)
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
1.30
1.40
Self-Discharge
at 25
(77
)
Characteristics
Outer dimensions (mm)
Discharge Curves 25℃(77℉)
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
Specifications
10min
30min
1h
2h
3h
4h
5h
8h
10h
20h
A
895.5
513.0
270.0
157.5
116.1
90.0
75.79
52.1
49.5
25.7
W
1760
918
522
306
225
175.5
144.0
99.0
92.3
49.0
A
850.5
499.5
253.8
150.3
112.5
87.8
74.3
51.2
46.6
25.2
W
1692
909
491
288
216
171.0
139.5
99.0
87.8
48.2
A
805.5
459.0
247.5
146.7
109.8
86.4
73.6
50.6
45.9
24.9
W
1638
855
473
284
212
166.5
137.7
97.7
86.9
47.3
A
760.5
423.0
238.5
143.1
107.1
85.1
69.3
49.3
45.0
24.6
W
1575
824
455
279
207
162.9
135.0
94.5
86.4
46.8
A
715.5
378.0
225.0
139.5
103.5
82.5
68.0
48.0
43.9
24.3
W
1485
756
441
275
207
159.8
134.1
90.5
85.5
46.1
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25℃(77℉)
Time
1.60V
1.85V
1.70V
1.75V
1.80V
242
172
Nominal Voltage
Rated capacity (10 hour rate)
Total Height
Height
Length
Width
Dimensions
Weight Approx
2 V
450 Ah
365 mm (14.4 inches)
331 mm (13.0 inches)
242 mm (9.5 inches)
172 mm (6.8 inches)
28.5 Kg (62.8 lbs)


Similar Part No. - SW24500E_17

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW24500 SUNNYWAY-SW24500 Datasheet
396Kb / 1P
   Telecom & Industry stationary battery
SW24500 SUNNYWAY-SW24500_17 Datasheet
524Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results

Similar Description - SW24500E_17

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SWE6420 SUNNYWAY-SWE6420_17 Datasheet
299Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE61200 SUNNYWAY-SWE61200_17 Datasheet
421Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE62250 SUNNYWAY-SWE62250_17 Datasheet
397Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12200 SUNNYWAY-SW12200_17 Datasheet
487Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW122500 SUNNYWAY-SW122500_17 Datasheet
345Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW220000 SUNNYWAY-SW220000_17 Datasheet
649Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE1240 SUNNYWAY-SWE1240_17 Datasheet
280Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE12550 SUNNYWAY-SWE12550_17 Datasheet
363Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12800E SUNNYWAY-SW12800E_17 Datasheet
521Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW22500 SUNNYWAY-SW22500_17 Datasheet
540Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW22500E SUNNYWAY-SW22500E_17 Datasheet
477Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com