Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW24000E Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW24000E
Description  Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW24000E Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW24000E_17 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Capacity
affected
by Temperature
(10hour rate)
Terminal
Cycle
Float
Capacity
25℃(77℉)
Internal Resistance
Charge
(constant
Voltage)
10 hour rate(40 A)
5 hour rate(64A)
1 hour rate(240 A)
400 AH
320 AH
240 AH
1.5 hour discharge to 1.75 V
Full charged Battery at 25 (77 )
160 A
0.7 mΩ
40℃(104℉)
25℃(77℉)
0℃(32℉)
-15℃(5℉)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T20
Initial Charging Current less than 100 A
Voltage 2.35-2.40V
Voltage 2.25-2.30V
φ20
M8×20
SW24000E(2V400AH)
800A
400A
200A
80A
40A
1.70
2.30
1.90
2.00
2.10
2.20
1.80
1.60
1.50
(h)
(min)
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
1.30
1.40
Self-Discharge
at 25
(77
)
Characteristics
Outer dimensions (mm)
Discharge Curves 25℃(77℉)
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
Nominal Voltage
Rated capacity (10 hour rate)
Total Height
Height
Length
Width
Dimensions
Weight Approx
Specifications
2 V
400 Ah
356 mm (14.0 inches)
330 mm (13.0 inches)
211 mm (8.31 inches)
176 mm (6.92 inches)
25.0 Kg (55.1 lbs)
10min
30min
1h
2h
3h
4h
5h
8h
10h
20h
A
796.0
456.0
240.0
140.0
103.2
80.0
67.37
46.3
44.0
22.8
W
1564
816
464
272
200
156.0
128.0
88.0
82.0
43.6
A
756.0
444.0
225.6
133.6
100.0
78.0
66.0
45.5
41.4
22.4
W
1504
808
436
256
192
152.0
124.0
88.0
78.0
42.8
A
716.0
408.0
220.0
130.4
97.6
76.8
65.4
45.0
40.8
22.1
W
1456
760
420
252
188
148.0
122.4
86.8
77.2
42.0
A
676.0
376.0
212.0
127.2
95.2
75.6
61.6
43.8
40.0
21.8
W
1400
732
404
248
184
144.8
120.0
84.0
76.8
41.6
A
636.0
336.0
200.0
124.0
92.0
73.3
60.4
42.7
39.0
21.6
W
1320
672
392
244
184
142.0
119.2
80.4
76.0
41.0
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25℃(77℉)
Time
1.60V
1.85V
1.70V
1.75V
1.80V


Similar Part No. - SW24000E_17

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW24000E SUNNYWAY-SW24000E Datasheet
349Kb / 1P
Photovaltaic & wind power battery
More results

Similar Description - SW24000E_17

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SWE6420 SUNNYWAY-SWE6420_17 Datasheet
299Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE61200 SUNNYWAY-SWE61200_17 Datasheet
421Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE62250 SUNNYWAY-SWE62250_17 Datasheet
397Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12200 SUNNYWAY-SW12200_17 Datasheet
487Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW122500 SUNNYWAY-SW122500_17 Datasheet
345Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW220000 SUNNYWAY-SW220000_17 Datasheet
649Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE1240 SUNNYWAY-SWE1240_17 Datasheet
280Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE12550 SUNNYWAY-SWE12550_17 Datasheet
363Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12800E SUNNYWAY-SW12800E_17 Datasheet
521Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW22500 SUNNYWAY-SW22500_17 Datasheet
540Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW22500E SUNNYWAY-SW22500E_17 Datasheet
477Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com