Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW22500E Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW22500E
Description  Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW22500E Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW22500E_17 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Capacity
affected
by Temperature
(10hour rate)
Terminal
Cycle
Float
Capacity
25℃(77℉)
Internal Resistance
Charge
(constant
Voltage)
10 hour rate(25 A)
5 hour rate(40A)
1 hour rate(150 A)
250 AH
200 AH
150 AH
1.5 hour discharge to 1.75 V
Full charged Battery at 25 (77 )
100 A
0.8 mΩ
40℃(104℉)
25℃(77℉)
0℃(32℉)
-15℃(5℉)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T20
Initial Charging Current less than 62.5 A
Voltage 2.35-2.40V
Voltage 2.25-2.30V
φ20
M8×20
R
SW22500E(2V250AH)
528A
250A
125A
50A
25A
1.70
2.30
1.90
2.00
2.10
2.20
1.80
1.60
1.50
( h)
( mi n)
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
1.30
1.40
Self-Discharge
at 25
(77
)
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25℃(77℉)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
10min
30min
1h
2h
3h
4h
5h
8h
10h
20h
A
497.5
285.0
150.0
87.5
64.5
50.0
41.4
29.0
27.5
14.3
W
978
510
290
170
125
97.5
80.0
55.0
51.3
27.2
A
472.5
277.5
141.0
83.5
62.5
48.8
40.5
28.4
25.9
14.0
W
940
505
273
160
120
95.0
77.5
55.0
48.8
26.8
A
447.5
255.0
137.5
81.5
61.0
48.0
40.0
28.1
25.5
13.8
W
910
475
263
158
118
92.5
76.5
54.3
48.3
26.3
A
422.5
235.0
132.5
79.5
59.5
47.3
39.0
27.4
25.0
13.7
W
875
458
253
155
115
90.5
75.0
52.5
48.0
26.0
A
397.5
210.0
125.0
77.5
57.5
45.8
38.0
26.7
24.4
13.5
W
825
420
245
153
115
88.8
74.5
50.3
47.5
25.6
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25℃(77℉)
Time
1.60V
1.85V
1.70V
1.75V
1.80V
SW22
500
(2V250A
H)
171
151
2
2
Nominal Voltage
Rated capacity (10 hour rate)
Total Height
Height
Length
Width
Dimensions
Weight Approx
2 V
250 Ah
356 mm (14.0 inches)
330 mm (13.0 inches)
171 mm (6.7 inches)
151 mm (5.9 inches)
17 Kg (37.4 lbs)
Specifications


Similar Part No. - SW22500E_17

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW22500E SUNNYWAY-SW22500E Datasheet
363Kb / 1P
Photovaltaic & wind power battery
More results

Similar Description - SW22500E_17

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW12200 SUNNYWAY-SW12200_17 Datasheet
487Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12800E SUNNYWAY-SW12800E_17 Datasheet
521Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW22500 SUNNYWAY-SW22500_17 Datasheet
540Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW122500 SUNNYWAY-SW122500_17 Datasheet
345Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW220000 SUNNYWAY-SW220000_17 Datasheet
649Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE1240 SUNNYWAY-SWE1240_17 Datasheet
280Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE6420 SUNNYWAY-SWE6420_17 Datasheet
299Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE12550 SUNNYWAY-SWE12550_17 Datasheet
363Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE61200 SUNNYWAY-SWE61200_17 Datasheet
421Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE62250 SUNNYWAY-SWE62250_17 Datasheet
397Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com