Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW12800E Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW12800E
Description  Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW12800E Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW12800E_17 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
(12V8
0AH)
4
2
1
9.0
8.4
7.8
9.6
10.2
10.8
11.4
12.0
12.6
13.2
13.8
10
(Min)
6 8
40
20
60
(h)
4
2
6
10
8
20 40
80A
169A
16A
8A
40A
Capacity
affected
by Temperature
(10hour rate)
Terminal
Cycle
Float
Capacity
25℃(77℉)
Internal Resistance
Charge
(constant
Voltage)
10 hour rate(8.0 A)
5 hour rate(12.8 A)
1 hour rate(48.0 A)
80 AH
64 AH
48 AH
1.5 hour discharge to 10.5V
Full charged Battery at 25 (77 )
32 A
7 mΩ
40℃(104℉)
25℃(77℉)
0℃(32℉)
-15℃(5℉)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T33、T16
Initial Charging Current less than 32 A
Voltage 14.10-14.40V
Voltage 13.50-13.80V
SW12800E(12V80AH)
Self-Discharge
at 25
(77
)
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25℃(77℉)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
φ14
M6×16
T33
M6
BOLT&NUT
φ
9
3
25
260
260
194
194
1
1
1
1
T16
Nominal Voltage
Rated capacity (10 hour rate)
Total Height
Height
Length
Width
Dimensions
Weight Approx
12V
80 Ah
211 mm (8.30 inches)
260 mm (10.2 inches)
169mm (6.65 inches)
23Kg (50.7 lbs)
216 mm (8.50 inches)
229 mm (9.02 inches)
T33
T16
10min
30min
1h
2h
3h
4h
5h
8h
10h
20h
A
160.0
88.0
48.0
28.0
20.6
16.0
13.2
9.3
8.8
4.6
W
1696
937
514
302
225
176
145.6
102.9
97.7
51.1
A
152.0
88.8
45.1
26.7
20.0
15.6
13.0
9.1
8.3
4.5
W
1672
981
501
299
226
177
147
103
94
51
A
144.0
81.6
44.0
26.1
19.5
15.4
12.8
9.0
8.2
4.4
W
1613
918
497
297
224
177
147
104
94
51
A
136.0
75.2
42.4
25.4
19.0
15.1
12.5
8.8
8.0
4.4
W
1544
857
485
294
221
176
145
102
93
51
A
128.0
67.2
40.0
24.8
18.4
14.7
12.2
8.5
7.8
4.3
W
1472
776
464
290
216
173
143
101
92
51
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25℃(72℉)
Time
9.60V
11.10V
10.20V
10.50V
10.80V


Similar Part No. - SW12800E_17

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW12800E SUNNYWAY-SW12800E Datasheet
416Kb / 1P
Photovaltaic & wind power battery
More results

Similar Description - SW12800E_17

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SWE6420 SUNNYWAY-SWE6420_17 Datasheet
299Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE61200 SUNNYWAY-SWE61200_17 Datasheet
421Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE62250 SUNNYWAY-SWE62250_17 Datasheet
397Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12200 SUNNYWAY-SW12200_17 Datasheet
487Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW122500 SUNNYWAY-SW122500_17 Datasheet
345Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW220000 SUNNYWAY-SW220000_17 Datasheet
649Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE1240 SUNNYWAY-SWE1240_17 Datasheet
280Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE12550 SUNNYWAY-SWE12550_17 Datasheet
363Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW22500 SUNNYWAY-SW22500_17 Datasheet
540Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW22500E SUNNYWAY-SW22500E_17 Datasheet
477Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com