Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1206JRNPOBBN121 Datasheet(PDF) 18 Page - TDK Electronics

Part # CC1206JRNPOBBN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC1206JRNPOBBN121 Datasheet(HTML) 18 Page - TDK Electronics

Back Button CC1206JRNPOBBN121 Datasheet HTML 10Page - TDK Electronics CC1206JRNPOBBN121 Datasheet HTML 11Page - TDK Electronics CC1206JRNPOBBN121 Datasheet HTML 12Page - TDK Electronics CC1206JRNPOBBN121 Datasheet HTML 13Page - TDK Electronics CC1206JRNPOBBN121 Datasheet HTML 14Page - TDK Electronics CC1206JRNPOBBN121 Datasheet HTML 15Page - TDK Electronics CC1206JRNPOBBN121 Datasheet HTML 16Page - TDK Electronics CC1206JRNPOBBN121 Datasheet HTML 17Page - TDK Electronics CC1206JRNPOBBN121 Datasheet HTML 18Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
Mid-voltage
NP0
/X7R 100 V to 630 V
www.yageo.com
Dec. 9, 2016 V.18
Surface-Mount Ceramic Multilayer Capacitors
18
18
Product specification
REVISION HISTORY
REVISION DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 18
Dec 9, 2016
-
- Soldering recommendation update
Version 17
Aug 16, 2016
-
- Capacitance range & thickness update
Version 16
Apr. 16, 2015
-
- Capacitance range & thickness
Version 15
Apr. 16, 2015
-
- Electrical characteristics update
Version 14
Sep. 25, 2014
-
- Electrical characteristics update
Version 13
Apr. 21, 2014
-
- Electrical characteristics update
Version 12
Dec. 12, 2013 -
- Electrical characteristics update
Version 11
Jun. 17, 2013
-
- Test method and procedure updated
Version 10
Nov 22, 2012
-
- Test method and procedure updated
Version 9
Feb 02, 2012
-
- Test method and procedure updated
Version 8
Apr 22, 2011
-
- NP0 0402 100V added
Version 7
Mar 01, 2011
-
- Dimension updated
Version 6
Sep 30, 2010
-
- Update the thickness of 0805 100V
Version 5
Sep 28, 2010
-
- Product range updated
- Thickness classes and packing quantity table updated
Version 4
Jun 17, 2010
-
- Update the dimension of 0805, 1206 and 1812
Version 3
Mar 25, 2010
-
- Product range update
Version 2
Mar 15, 2010
-
- Product range update
Version 1
Oct 30, 2009
-
- Change to dual brand datasheet that describe Mid-voltage NP0/X7R
series with RoHS compliant
- Replace the "100V to 630V" part of pdf files: UP-NP0X7R_MV_100-to-
500V_0, UY-NP0X7R_MV_100-to-500V_0, NP0_16V-to-100V_6,
NP0_50-to-500V_10, X7R_16-to-500V_9 and X7R_16V-to-100V_9
- Define global part number
- Description of "Halogen Free compliant" added
- Test method and procedure updated
Version 0
Sep 08, 2005
-
- New


Similar Part No. - CC1206JRNPOBBN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1206JRNPOBBN121 YAGEO-CC1206JRNPOBBN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN121 YAGEO-CC1206JRNPOBBN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1206JRNPOBBN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com