Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59S153-S00L5 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59S153-S00L5
Description  ADAPTOR SMB PLUG ??N PLUG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59S153-S00L5 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59S153-S00L5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S153-S00L5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
ADAPTOR
SMB PLUG – N PLUG
59S153-S00L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
SMB side:
IEC 60169-10, CECC 22130, US MIL-C-39012
N side:
IEC 60169-16, MIL-PRF-39012, CECC 22210
Documents
N/A
Material and plating
Connector parts
Material
Plating
Center contact
Brass
AuroDur®, gold plated
Outer contact SMB side
Brass
AuroDur®, gold plated
Outer contact N side
Brass
Nickel, 2.5-5 µm
Dielectric
PTFE
Coupling nut N side
Brass
Flash white bronze over silver(e.g. Optargen®)
Gasket
Silicone


Similar Part No. - 59S153-S00L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S153-K00L5 ROSENBERGER-59S153-K00L5 Datasheet
48Kb / 2P
ADAPTOR
More results

Similar Description - 59S153-S00L5

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9118 PASTERNACK-PE9118 Datasheet
76Kb / 1P
SMB PLUG TO SMB PLUG
logo
Rosenberger Hochfrequen...
53S164-S00N1 ROSENBERGER-53S164-S00N1 Datasheet
123Kb / 2P
Adaptor 4.3-10 plug ??N plug
53S165-SIMN1 ROSENBERGER-53S165-SIMN1 Datasheet
78Kb / 2P
Adaptor N Plug - 4.1/9.5 PLUG
53S160-SIMN1 ROSENBERGER-53S160-SIMN1 Datasheet
262Kb / 2P
ADAPTOR N PLUG ??7/16 50 PLUG
05S121-S00S3 ROSENBERGER-05S121-S00S3 Datasheet
96Kb / 2P
RPC-N 50 ADAPTOR PLUG - PLUG
59K151-S00L5 ROSENBERGER-59K151-S00L5 Datasheet
84Kb / 2P
ADAPTOR SMB JACK ??BNC PLUG
59S151-K00L5 ROSENBERGER-59S151-K00L5 Datasheet
38Kb / 2P
ADAPTOR SMB PLUG ??BNC JACK
59S151-S00L5 ROSENBERGER-59S151-S00L5 Datasheet
68Kb / 2P
ADAPTOR SMB PLUG ??BNC PLUG
26S153-S00A1 ROSENBERGER-26S153-S00A1 Datasheet
42Kb / 2P
ADAPTOR FME plug ??N plug
logo
Amphenol RF.
142300 RF-142300 Datasheet
54Kb / 1P
SMB T ADAPTOR JACK-PLUG-JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com