Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59S153-S00L5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59S153-S00L5
Description  ADAPTOR SMB PLUG ??N PLUG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59S153-S00L5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59S153-S00L5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S153-S00L5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
ADAPTOR
SMB PLUG – N PLUG
59S153-S00L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
f(GHz)
Electrical data
Impedance
50
Frequency
DC to 4 GHz
Return loss
 25 dB, DC to 1 GHz
 22 dB, 1 to 4 GHz
Insertion loss
 0.05
x
dB
Insulation resistance
 1x103 M
Center contact resistance
 5 m, SMB side
 1 m, N side
Outer contact resistance
 2.5 m, SMB side
 0.25 m, N side
Test voltage
750 V rms, 50 Hz, at sea level
Working voltage
 250 V rms, 50 Hz, at sea level
Contact current
1.5 A DC typ.
RF-leakage
 55 dB up to 1 GHz
Mechanical data
SMB side
N side
Mating cycles
min. 500
min. 500
Coupling nut retention
N/A
 450 N
Center contact captivation: axial
 10 N
 10 N
Engagement force
 63 N
N/A
Disengagement force
8 N min. to 63 N max.
N/A
Coupling test torque
N/A
max. 1.7 Nm
Recommended torque
N/A
0.7 Nm to 1.1 Nm
Environmental data
Temperature range
-55°C to +155°C
Thermal shock
MIL-STD-202, Meth. 107, Cond. B
Vibration
MIL-STD-202, Meth. 204, Cond. B
Corrosion
MIL-STD-202, Meth. 101, Cond. B
Moisture resistance
MIL-STD-202, Meth. 106
RoHS
compliant
Tooling
N/A
Suitable cables
N/A
Weight
Weight
26.3 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Inge Mühlauer
14/12/04
Sa. Krautenbacher
20.03.14
b00
14-0352
T. Krojer
20.03.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 59S153-S00L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S153-K00L5 ROSENBERGER-59S153-K00L5 Datasheet
48Kb / 2P
ADAPTOR
More results

Similar Description - 59S153-S00L5

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9118 PASTERNACK-PE9118 Datasheet
76Kb / 1P
SMB PLUG TO SMB PLUG
logo
Rosenberger Hochfrequen...
53S164-S00N1 ROSENBERGER-53S164-S00N1 Datasheet
123Kb / 2P
Adaptor 4.3-10 plug ??N plug
53S165-SIMN1 ROSENBERGER-53S165-SIMN1 Datasheet
78Kb / 2P
Adaptor N Plug - 4.1/9.5 PLUG
53S160-SIMN1 ROSENBERGER-53S160-SIMN1 Datasheet
262Kb / 2P
ADAPTOR N PLUG ??7/16 50 PLUG
05S121-S00S3 ROSENBERGER-05S121-S00S3 Datasheet
96Kb / 2P
RPC-N 50 ADAPTOR PLUG - PLUG
59K151-S00L5 ROSENBERGER-59K151-S00L5 Datasheet
84Kb / 2P
ADAPTOR SMB JACK ??BNC PLUG
59S151-K00L5 ROSENBERGER-59S151-K00L5 Datasheet
38Kb / 2P
ADAPTOR SMB PLUG ??BNC JACK
59S151-S00L5 ROSENBERGER-59S151-S00L5 Datasheet
68Kb / 2P
ADAPTOR SMB PLUG ??BNC PLUG
26S153-S00A1 ROSENBERGER-26S153-S00A1 Datasheet
42Kb / 2P
ADAPTOR FME plug ??N plug
logo
Amphenol RF.
142300 RF-142300 Datasheet
54Kb / 1P
SMB T ADAPTOR JACK-PLUG-JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com