Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB4571 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GB4571
Description  Video Buffer with Precision Strobed DC Restore
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GB4571 Datasheet(HTML) 4 Page - Gennum Corporation

  GB4571 Datasheet HTML 1Page - Gennum Corporation GB4571 Datasheet HTML 2Page - Gennum Corporation GB4571 Datasheet HTML 3Page - Gennum Corporation GB4571 Datasheet HTML 4Page - Gennum Corporation GB4571 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
521 - 17 - 00
10k
-5V
5
VIDEO OUTPUT
TO NETWORK
ANALYSER I/P
0.01
+5V
75
*10
0.1
GB4571
3
8
6
1
4
2
7
+5V
5
CL
NETWORK
ANALYSER
Sweep: 1-100MHz
Level: 0dBM
0.1
+5V
+5V
4
1
8
5
0.1
0.1
CLC110
RS
All resistors in ohms, all capacitors in microfarads unless otherwise stated.
* This input capacitor must be shorted when performing
Differential Gain and Differential Phase tests.
FREQUENCY (MHz)
6.0
4.0
2.0
0.0
-2.0
1
10
100
Fig. 3 Gain vs Frequency
R
S
= ø
C
L
= 82pF
C
L
= 270pF
C
L
= 180pF
Fig. 2 Frequency Response Test Circuit
GB4571 TYPICAL PERFORMANCE CURVES
C
L
= 68pF
C
L
= 120pF
(VS = ±5 V, unless otherwise specified)
0.1
0.05
0
-0.05
-0.1
-0.15
-0.2
1
10
100
FREQUENCY (MHz)
Fig. 5 Flattened Frequency Response
R
S = 30Ω
C
L
= 15pF
R
S
= ø
C
L
= 180pF
C
L
= 120pF
1
0
-1
-2
-3
-4
-5
-6
-7
-8
C
L
= 270pF
C
L
= 100pF
C
L
= 82pF
Fig. 4 Phase vs Frequency
FREQUENCY (MHz)
2
10
2
10
-0.5
-1
-1.5
-2
-2.5
-3.0
-3.5
-4
FREQUENCY (MHz)
Fig. 6 Phase vs Frequency
R
S = 30Ω
C
L
= 15pF
R
S = 28Ω
C
L
= 18pF


Similar Part No. - GB4571

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
More results

Similar Description - GB4571

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
GB4551 GENNUM-GB4551 Datasheet
140Kb / 5P
   Video Buffer with Strobed DC Restore
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
   GT4124 Video Multiplier with Strobed DC Restore
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
   HD to SD Adjustable Bandwidth Video Buffer with DC Restore
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
   Strobed Hex Inverter/Buffer
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
logo
Maxim Integrated Produc...
MAX405 MAXIM-MAX405 Datasheet
250Kb / 7P
   Precision Video Buffer Amplifier
19-3819; Rev 1; 5/96
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com