Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB4571 Datasheet(PDF) 3 Page - Gennum Corporation

Part # GB4571
Description  Video Buffer with Precision Strobed DC Restore
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GB4571 Datasheet(HTML) 3 Page - Gennum Corporation

  GB4571 Datasheet HTML 1Page - Gennum Corporation GB4571 Datasheet HTML 2Page - Gennum Corporation GB4571 Datasheet HTML 3Page - Gennum Corporation GB4571 Datasheet HTML 4Page - Gennum Corporation GB4571 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
521 - 17 - 00
The resulting voltage is buffered and fed back to the GB4571
input through a non-linear V to
I converter. This feedback
current transfers charge to the GB4571's input coupling
capacitor which act as a DC reservoir for corrective level
shifts.
The non - linear V to
I converter feeds back larger corrective
currents to the GB4571's input for larger differences between
V
CLAMP
and V
IN
than it does for proportionally smaller
differences between V
CLAMP
and V
IN
voltages. The non-linear
V to
I converter thus provides for substantially faster recovery
from large changes in input signal DC offset while maintaining
the overall stability of the device during near-steady-state
operation.
A 400
Ω resistor in series with the input provides some phase
advance to improve the stability of the DC restoration feedback
loop. The ratio of the capacitors C
IN
:C
HOLD
should be
maintained at approximately 20,000:1 to ensure closed loop
stability. Additional reductions in recovery time from changes
in DC offset may be obtained by reducing the values of C
IN
and C
HOLD
.
In the application shown in Figure 1, the STROBE signal is
provided by the back porch pulse of the GS4881 sync
separator. The GS4881 generates back porch pulses which
remain at horizontal rate throughout the vertical interval.
Constant rate STROBE pulses eliminate the possibility of
introducing a DC offset due to a change in duty cycle.
DETAILED DESCRIPTION
The GB4571 is intended for video applications requiring
precision DC restoration. The GB4571's signal path consists
of a simple Darlington emitter follower for maximum bandwidth
performance. With this configuration, the GB4571’s small
signal frequency response remains with
± 0.1 dB of 0 dB out
to 80 MHz.
Optimal frequency response for the GB4571 occurs with load
capacitance in the range of 18 pF. For smaller loads, an
external capacitor can be added to maintain the bandwidth of
the device. As shown in Figure 1, a small resistor, R
OUT
, should
be included in series with the GB4571 output to obtain optimal
response flatness. For a nominal load of 18 pF, R
OUT
should
be chosen to be approximately 30
Ω.
The DC restoration function is achieved through the use of a
strobed operational transconductance amplifier (OTA). The
OTA receives its input from a differential low pass filter. This
filter has a corner frequency of 600 kHz which attenuates the
color burst and any high frequency noise that may be present
in the signal. One input to the low pass filter senses the output
of the GB4571, while the other input is connected to the clamp
voltage reference. When enabled by taking STROBE low, the
OTA sources or sinks current depending on whether the
output of the GB4571 is below or above V
CLAMP
respectively.
The output current from the OTA is integrated by the hold
capacitor connected to pin 1, C
HOLD
. C
HOLD
develops a
corrective voltage during the period when the clamp is enabled
and holds the corrective voltage while the clamp is disabled.
All resistors in ohms, all capacitors in microfarads unless otherwise stated.
Fig. 1 GB4571 Typical Application Circuit
680k
1.0nF
GB4571
STROBED
DC RESTORE
1
4
2
7
VIDEO
COLOR
BURST
FILTER
0.1
6
4
8
5
2
CLAMPED
VIDEO
OUTPUT
BACK
PORCH
PULSE
0.1
0.1
0.1
0.1
GS4881
SYNC
SEPARATOR
CLOAD
CHOLD
VCLAMP
ROUT
VCC
VCC
VEE
75k
22
8
6
3
5


Similar Part No. - GB4571

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
More results

Similar Description - GB4571

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
GB4551 GENNUM-GB4551 Datasheet
140Kb / 5P
   Video Buffer with Strobed DC Restore
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
   GT4124 Video Multiplier with Strobed DC Restore
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
   HD to SD Adjustable Bandwidth Video Buffer with DC Restore
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
   Strobed Hex Inverter/Buffer
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
logo
Maxim Integrated Produc...
MAX405 MAXIM-MAX405 Datasheet
250Kb / 7P
   Precision Video Buffer Amplifier
19-3819; Rev 1; 5/96
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com