Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB4571 Datasheet(PDF) 2 Page - Gennum Corporation

Part # GB4571
Description  Video Buffer with Precision Strobed DC Restore
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GB4571 Datasheet(HTML) 2 Page - Gennum Corporation

  GB4571 Datasheet HTML 1Page - Gennum Corporation GB4571 Datasheet HTML 2Page - Gennum Corporation GB4571 Datasheet HTML 3Page - Gennum Corporation GB4571 Datasheet HTML 4Page - Gennum Corporation GB4571 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
521 - 17 - 00
Supply Voltage
±V
S
± 4.5
±5.0
± 13.2
V
+ Supply Current
I+
-
10
15
mA
- Supply Current
I-
-
10
15
mA
Small Signal B.W.
B.W.
±0.1 dB after insertion loss,
80
-
-
MHz
Phase Delay
ø
D
at 3.58 MHz and 4.43 MHz
-2.85
-3.0
-3.15
deg
Differential Gain
∂g
at 3.58 MHz and 4.43 MHz
-
0.01
0.03
%
Differential Phase
∂p
at 3.58 MHz and 4.43 MHz
-
0.01
0.05
deg
Input Voltage
V
IN
V
EE
+3
-
V
CC
-3
V
Input Resistance
R
IN
25
-
-
k
Input Capacitance
C
IN
-
2.0
-
pF
Output Resistance
R
OUT
ƒ= 0 to 1 MHz
-
8.6
10
ƒ= 100 MHz
-
20
40
Insertion Loss
I.L.
ƒ= 100 kHz
-
0.03
0.05
dB
Power Supply Rejection Ratio
PSRR
ƒ= 1 kHz
50
-
-
dB
ƒ= 10 MHz
20
-
-
dB
PP Signal / RMS Noise
S/N
V
SIG
=1 Vp-p
75
-
-
dB
Strobe Pulse Width
t
PWL
Active low
2.0
2.5
-
µs
Accuracy
V
IN
= 0.5V to 2Vp-p,
-
±1
± 2mV
STROBE pulses at H rate
Recovery Time
Scan rate 15.7kHz & 2
µs strobe pulses
0.5V offset
-
1
3
ms
0.1V offset
-
190
600
µs
Clamping Distortion
Distortion amplitude
-
-
± 1mV
Distortion duration (amp. within 0.1 mV)
-
-
3
µs
Clamp Voltage Range
VCLAMP
V
IN
= 1 Vp-p
V
EE
+3
-
V
CC
-4.5
V
Input Logic High
V
IH
1.8
-
-
V
Input Logic Low
V
IL
-
-
0.8
V
Strobe Input Current
I
IL
,
I
IH
--
20
µA
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE/UNITS
Supply Voltage
± 13.5 V
Operating Temperature Range
0
°C ≤ T
A
70
°C
Storage Temperature Range
-65
°C ≤ T
S
≤150°C
Lead Temperature (soldering, 10 seconds)
260
°C
Differential Video Input Voltage
±5 V
Strobe Input Voltage
-V
S
V
STROBE
+V
S
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER
SUPPLIES
ELECTRICAL CHARACTERISTICS V
S = ± 5 V, TA = 0° to 70°C, RL = 10kΩ, CL = 10 pF, unless otherwise shown.
CAUTION
ELECTROSTATIC
SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE WORKSTATION
(flattened response)
V
IN
=100 mV p-p
SIGNAL
PATH
STROBE
V
CLAMP
NOTE:
1. VA or B = +1 Vp-p output taken from OUTPUT
2 . VC = +1 Vp-p output taken from VA or VB


Similar Part No. - GB4571

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
More results

Similar Description - GB4571

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
GB4551 GENNUM-GB4551 Datasheet
140Kb / 5P
   Video Buffer with Strobed DC Restore
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
   GT4124 Video Multiplier with Strobed DC Restore
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
   HD to SD Adjustable Bandwidth Video Buffer with DC Restore
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
   Strobed Hex Inverter/Buffer
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
logo
Maxim Integrated Produc...
MAX405 MAXIM-MAX405 Datasheet
250Kb / 7P
   Precision Video Buffer Amplifier
19-3819; Rev 1; 5/96
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com