Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB4571 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GB4571
Description  Video Buffer with Precision Strobed DC Restore
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GB4571 Datasheet(HTML) 1 Page - Gennum Corporation

  GB4571 Datasheet HTML 1Page - Gennum Corporation GB4571 Datasheet HTML 2Page - Gennum Corporation GB4571 Datasheet HTML 3Page - Gennum Corporation GB4571 Datasheet HTML 4Page - Gennum Corporation GB4571 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The GB4571 is a high performance video buffer with DC
restore used primarily for accurate back porch clamping. Key
features include operation from
±4.5 V to ±13.2 V supply
voltages, fast recovery from sudden changes in DC offset,
±0.1 dB flatness to 80 MHz and availability of industry standard
DIP and SOIC packages.
In the typical back porch clamping application, a negative
going back porch pulse from an external sync separator (such
as the GS4881 or GS4882) is applied to the GB4571's STROBE
input.
While STROBE is low, the GB4571 determines the
correct DC level shift that should be applied to the input signal
by integrating over the entire back porch period. This reduces
sensitivity to noise and improves the accuracy of the DC
restoration compared to systems using sample and hold
techniques. Typical clamping accuracy of
±1 mV is achieved
by the GB4571.
• Clamping of NTSC, PAL, SECAM & RGB Video Signals
• Multimedia Graphics Overlay
• Production Switchers
• Linear Keyers
Part Number
Package
Temperature Range
GB4571-CDA
8 pin PDIP
0
° to 70°C
GB4571-CKA
8 pin SOIC
0
° to 70°C
GB4571-CTA
8 pin SOIC Tape
0
° to 70°C
DATA SHEET
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3 tel. (905) 632-2996 fax: (905) 632-2055
Japan Branch: A-302, Miyamae Village, 2-10-42, Miyamae, Suginami-ku, Tokyo 168, Japan
tel. (03) 3247-8838
fax. (03) 3247-8839
GB4571 Video Buffer with
Precision Strobed DC Restore
FEATURES
DESCRIPTION
AVAILABLE PACKAGING
8 pin PDIP
8 pin SOIC
PIN CONNECTIONS
1
2
3
4
8
7
6
5
V
CC
V
OUT
V
EE
GND
C
HOLD
V
IN
V
CLAMP
STROBE
GB4571
ORDERING INFORMATION
APPLICATIONS
• accurate clamping to within
± 1 mV
• less than 1 mV clamping distortion
• variable clamping range (V
EE
+ 3.0 V to V
CC
- 4.5 V)
• ultra low differential gain and differential phase
• fast recovery from sudden changes in DC offsets
• less than
± 0.15° phase delay variation at 3.58 MHz
± 0.1 dB flatness to 80 MHz
± 4.5 V to ±13.2 V supply voltage range
Document No. 521 - 17 - 01
SIMPLIFIED CIRCUIT DIAGRAM
CHOLD
GND
VCC
VEE
VIN
COUPLING
CAP
VOUT
STROBE
VCLAMP
-
+
7
3
1
5
2
HIGH Z
BUFFER
NON-LNEAR
V TO
I
CONVERTER
4
6
8


Similar Part No. - GB4571

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
More results

Similar Description - GB4571

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
GB4551 GENNUM-GB4551 Datasheet
140Kb / 5P
   Video Buffer with Strobed DC Restore
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
   GT4124 Video Multiplier with Strobed DC Restore
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
   HD to SD Adjustable Bandwidth Video Buffer with DC Restore
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
   Strobed Hex Inverter/Buffer
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
logo
Maxim Integrated Produc...
MAX405 MAXIM-MAX405 Datasheet
250Kb / 7P
   Precision Video Buffer Amplifier
19-3819; Rev 1; 5/96
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com