Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAA6T6200620 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PAA6T6200620
Description  Rectifier & SCR Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PAA6T6200620 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PAA6T6200620 Datasheet HTML 1Page - Powerex Power Semiconductors PAA6T6200620 Datasheet HTML 2Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
®
For more information:
visit: http://www.pwrx.com/summary/assembly-rectifier.aspx
email: globalsales@pwrx.com
phone: 724-925-7272, Option 3 (Applications Engineering Assistance)
Lit. Code 247 - Rev. 0 - 7/28/2014
How to Select the Proper Assembly for Your Needs
Areas to consider when selecting the proper assembly.
Application: _____________________________________________
Type of circuit:
Single phase
Single phase half
Single phase full
bridge
controlled bridge
controlled bridge
Three phase
Three phase half
Three phase full
bridge
controlled bridge
controlled bridge
Electrical parameters:
Maximum continuous output current (amps): _________
Maximum overload:
Output DC current (amps): _________
Overload duration (seconds): _________
Input voltage (volts): _________
(VAC-RMS for single phase, VAC-RMS line-to-line for three phase)
Line frequency:
50 Hz or  60 Hz
Other _________ Hz
Environmental parameters:
Maximum ambient temperature (°C): _________
Humidity (0-95% non-condensing): _________
Maximum altitude (feet above sea level): _________
This information can be submitted online at:
www.pwrx.com/summary/assembly-rectifier.aspx
or email your specific parameters to globalsales@pwrx.com.
A Powerex engineer will be in contact with you to assist in the design of the proper
assembly to fit your application needs.
How to Select the Proper Assembly for Your Needs
Areas to consider when selecting the proper assembly.
Application: _____________________________________________
Type of circuit:
Single phase
Single phase half
Single phase full
bridge
controlled bridge
controlled bridge
Three phase
Three phase half
Three phase full
bridge
controlled bridge
controlled bridge
Electrical parameters:
Maximum continuous output current (amps): _________
Maximum overload:
Output DC current (amps): _________
Overload duration (seconds): _________
Input voltage (volts): _________
(VAC-RMS for single phase, VAC-RMS line-to-line for three phase)
Line frequency:
50 Hz or  60 Hz
Other _________ Hz
Environmental parameters:
Maximum ambient temperature (°C): _________
Humidity (0-95% non-condensing): _________
Maximum altitude (feet above sea level): _________
With this information, Powerex engineers can design the proper assembly
to fit your application needs.
Lit. Code 247 - Rev. 1 - 9/4/2014
For more information:
visit: http://www.pwrx.com/summary/assembly-rectifier.aspx
email: globalsales@pwrx.com
phone: 724-925-7272, Option 3 (Applications Engineering Assistance)


Similar Part No. - PAA6T6200620

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PAA600F RSG-PAA600F Datasheet
113Kb / 2P
   Unit type
PAA600F-12 RSG-PAA600F-12 Datasheet
113Kb / 2P
   Unit type
PAA600F-15 RSG-PAA600F-15 Datasheet
113Kb / 2P
   Unit type
PAA600F-24 RSG-PAA600F-24 Datasheet
113Kb / 2P
   Unit type
PAA600F-3 RSG-PAA600F-3 Datasheet
113Kb / 2P
   Unit type
More results

Similar Description - PAA6T6200620

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
KVP5 EDI-KVP5 Datasheet
49Kb / 2P
   KILOVOLT RECTIFIER ASSEMBLIES
KMO EDI-KMO Datasheet
49Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLIES
logo
NTE Electronics
NTE5514 NTE-NTE5514 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR)
logo
Frontier Electronics.
HV07-08 FRONTIER-HV07-08 Datasheet
121Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLIES
logo
NTE Electronics
NTE5492 NTE-NTE5492 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR)
NTE5460 NTE-NTE5460 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR)
NTE5517 NTE-NTE5517 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR)
NTE5536 NTE-NTE5536 Datasheet
20Kb / 2P
   Silicon Controlled Rectifier (SCR)
logo
Electronic devices inc.
HTD EDI-HTD Datasheet
41Kb / 2P
   Operation High Voltage Rectifier Assemblies
KHP EDI-KHP Datasheet
57Kb / 2P
   KILOVOLT HIGH CURRENT RECTIFIER ASSEMBLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com