Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSM03C-050Q-3 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSM03C-050Q-3
Description  2.75W Compact Fixed Blade USB Power Adapter (China)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSM03C-050Q-3 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSM03C-050Q-3 Datasheet HTML 1Page - Phihong USA Inc. PSM03C-050Q-3 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revised 1/21/2015
WWW.PHIHONG.COM
2.75W Compact Fixed Blade USB Power Adapter (China)
Features
 Fixed Blade
 Low Cost
 No-Load Power Draw <0.3mW
 No Y Cap
 Low Profile
Applications
 Smart Phones
 Personal Electronics
 PDA
 Digital Camera
Safety Approvals
 CCC
Mechanical Characteristics
 Length: 42mm (1.65in)
 Height: 21.0mm (0.87in)
 Width: 43mm (1.65in)
 Weight: 80g (3oz)
Output Specifications
Model
DC Output
Voltage
Load
Ripple
(1)
P-P (Max)
Regulation
Case
Color
Min.
Max.
Line
Load
PSM03C-050Q-3
5V
0A
0.55A
100mV
5%
Black
Note:
(1) Measured after 10 minutes with by-pass capacitors 0.1uf // 10uf at output connector terminal and oscilloscope
set at 20MHz.
(2) Minimum order quantity applies for this model
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website
at www.phihong.com for the most up-to-date specifications and contact information.


Similar Part No. - PSM03C-050Q-3

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSM03C-050Q-3 PHIHONG-PSM03C-050Q-3 Datasheet
175Kb / 3P
   2.75W Compact Fixed Blade USB Power Adapter
PSM03C-050Q-3 PHIHONG-PSM03C-050Q-3_18 Datasheet
175Kb / 3P
   2.75W Compact Fixed Blade USB Power Adapter
More results

Similar Description - PSM03C-050Q-3

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSM03C-050Q-3 PHIHONG-PSM03C-050Q-3_18 Datasheet
175Kb / 3P
   2.75W Compact Fixed Blade USB Power Adapter
PSM03A-050Q PHIHONG-PSM03A-050Q Datasheet
68Kb / 2P
   2.75W Compact Fixed Blade USB Charger
PSM03E-050Q PHIHONG-PSM03E-050Q Datasheet
58Kb / 2P
   2.75W Compact Fixed Blade Charger (Europe) Ecodesign Compliant USB Adapter
PSM03K-050Q PHIHONG-PSM03K-050Q Datasheet
109Kb / 2P
   2.75W Compact Fixed Blade Charger (United Kingdom) Ecodesign Compliant USB Adapter
PSM03A-050Q PHIHONG-PSM03A-050Q_18 Datasheet
184Kb / 3P
   2.75W Compact Fixed Blade Charger
PSM03K-050Q PHIHONG-PSM03K-050Q_18 Datasheet
221Kb / 3P
   2.75W Compact Fixed Blade Charger
PSM03S-050Q-3 PHIHONG-PSM03S-050Q-3 Datasheet
192Kb / 3P
   2.75W Compact Fixed Blade Charger
PSA05E-050QL6 PHIHONG-PSA05E-050QL6 Datasheet
199Kb / 3P
   5W Compact Fixed Blade USB Power Adapter
PSA05K-050QL6 PHIHONG-PSA05K-050QL6 Datasheet
248Kb / 3P
   5W Compact Fixed Blade USB Power Adapter
PSA05S-050QL6 PHIHONG-PSA05S-050QL6 Datasheet
203Kb / 3P
   5W Compact Fixed Blade USB Power Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com