Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17N256-10NC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT17N256-10NC
Description  FPGA Configuration Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17N256-10NC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT17N256-10NC Datasheet HTML 4Page - ATMEL Corporation AT17N256-10NC Datasheet HTML 5Page - ATMEL Corporation AT17N256-10NC Datasheet HTML 6Page - ATMEL Corporation AT17N256-10NC Datasheet HTML 7Page - ATMEL Corporation AT17N256-10NC Datasheet HTML 8Page - ATMEL Corporation AT17N256-10NC Datasheet HTML 9Page - ATMEL Corporation AT17N256-10NC Datasheet HTML 10Page - ATMEL Corporation AT17N256-10NC Datasheet HTML 11Page - ATMEL Corporation AT17N256-10NC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
AT17N256/512/010/002/040
3020A–CNFG–04/10/03
Notes:
1. AC test lead = 50 pF.
2. Float delays are measured with 5 pF AC loads. Transition is measured ± 200 mV from steady-state active levels.
DC Characteristics
V
CC = 3.3V ± 10%
Symbol
Description
AT17N256
AT17N512/
AT17N010
AT17N002/
AT17N040
Units
Min
Max
Min
Max
Min
Max
V
IH
High-level Input Voltage
2.0
V
CC
2.0
V
CC
2.0
V
CC
V
VIL
Low-level Input Voltage
0
0.8
0
0.8
0
0.8
V
V
OH
High-level Output Voltage
(I
OH = -2.5 mA)
Commercial
2.4
2.4
2.4
V
V
OL
Low-level Output Voltage
(I
OL = +3 mA)
0.4
0.4
0.4
V
VOH
High-level Output Voltage
(IOH = -2 mA)
Industrial
2.4
2.4
2.4
V
V
OL
Low-level Output Voltage
(I
OL = +3 mA)
0.4
0.4
0.4
V
ICCA
Supply Current, Active Mode
5
5
5
mA
I
L
Input or Output Leakage Current
(V
IN = VCC or GND)
-1010-10
10
-1010
µA
I
CCS
Supply Current, Standby Mode
Commercial
50
100
150
µA
Industrial
100
100
150
µA
AC Characteristics
V
CC = 3.3V ± 10%
Symbol
Description
AT17N256
AT17N512/010/002/040
Units
Commercial
Industrial
Commercial
Industrial
Min
Max
Min
Max
Min
Max
Min
Max
T
OE
(1)
OE to Data Delay
50
55
50
55
ns
T
CE
(1)
CE to Data Delay
60
60
55
60
ns
TCAC
(1)
CLK to Data Delay
75
80
55
60
ns
T
OH
Data Hold from CE, OE, or CLK
0000
ns
T
DF
(2)
CE or OE to Data Float Delay
55
55
50
50
ns
TLC
CLK Low Time
25
25
25
25
ns
T
HC
CLK High Time
25
25
25
25
ns
T
SCE
CE Setup Time to CLK
(to guarantee proper counting)
35
60
30
35
ns
T
HCE
CE Hold Time from CLK
(to guarantee proper counting)
0000
ns
T
HOE
OE High Time (guarantees counter is reset)
25
25
25
25
ns
F
MAX
Maximum Clock Frequency
10
10
15
10
MHz


Similar Part No. - AT17N256-10NC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17N256-10NC ATMEL-AT17N256-10NC Datasheet
308Kb / 18P
FPGA Configuration Memory
More results

Similar Description - AT17N256-10NC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
FPGA Configuration Memory
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
FPGA CONFIGURATION FLASH MEMORY
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
FPGA Configuration Flash Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
FPGA Configuration EEPROM Memory
AT17F040 ATMEL-AT17F040_08 Datasheet
340Kb / 19P
FPGA Configuration Flash Memory
AT17F040A ATMEL-AT17F040A Datasheet
326Kb / 16P
FPGA Configuration Flash Memory
AT17F32 ATMEL-AT17F32 Datasheet
252Kb / 14P
FPGA Configuration Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com