Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

04W021-000 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 04W021-000
Description  RPC-SL Torque Wrench
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

04W021-000 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  04W021-000 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 04W021-000 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
RPC-SL
Torque Wrench
04W021-000
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Documents
Application note
AN001 “Calibration Services”
Material and plating
Tooling parts
Material
Plating
Spanner
Stainless steel
Nickel, 2.5-5 µm
Mechanical data
Torque setting
2.00 Nm ± 0.10 Nm (force applied in the middle of handle)
Width across flats
18 mm


Similar Description - 04W021-000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
01W021-000 ROSENBERGER-01W021-000 Datasheet
609Kb / 2P
   RPC-1.00 Torque Wrench
07W021-000 ROSENBERGER-07W021-000 Datasheet
1Mb / 2P
   RPC-7 Torque Wrench
06W021-000 ROSENBERGER-06W021-000 Datasheet
641Kb / 2P
   RPC-TNC Torque Wrench
logo
Mini-Circuits
TRQ-516-08 MINI-TRQ-516-08 Datasheet
168Kb / 1P
   Torque Wrench
logo
Rosenberger Hochfrequen...
32W100-016 ROSENBERGER-32W100-016 Datasheet
83Kb / 1P
   TORQUE WRENCH
64W021-000 ROSENBERGER-64W021-000 Datasheet
646Kb / 2P
   Torque Wrench
53W008-000 ROSENBERGER-53W008-000 Datasheet
281Kb / 2P
   Torque Wrench
53W009-000 ROSENBERGER-53W009-000 Datasheet
283Kb / 2P
   Torque Wrench
74W021-000 ROSENBERGER-74W021-000 Datasheet
361Kb / 2P
   TORQUE WRENCH
logo
Glenair, Inc.
600-161 GLENAIR-600-161 Datasheet
301Kb / 1P
   Digital Torque Wrench
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com