Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

04W021-000 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 04W021-000
Description  RPC-SL Torque Wrench
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

04W021-000 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  04W021-000 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 04W021-000 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
RPC-SL
Torque Wrench
04W021-000
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 2
Declaration of calibration options
Factory Calibration
Standard delivery for this torque wrench includes a Factory Calibration. The Calibration Certificate issued
reports individual mechanical calibration results, traceable to national / international standards.
Accredited Calibration
Not available.
For further, more detailed information see application note AN001 on the Rosenberger homepage.
Calibration interval
Recommendation
12 months
Packing
Standard
1 pce in box
Weight
154.5 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Herbert Babinger
11/03/05
Martin Moder
27/04/16
f00
14-1492
M.Ruf
27/04/16
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Description - 04W021-000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
01W021-000 ROSENBERGER-01W021-000 Datasheet
609Kb / 2P
   RPC-1.00 Torque Wrench
07W021-000 ROSENBERGER-07W021-000 Datasheet
1Mb / 2P
   RPC-7 Torque Wrench
06W021-000 ROSENBERGER-06W021-000 Datasheet
641Kb / 2P
   RPC-TNC Torque Wrench
logo
Mini-Circuits
TRQ-516-08 MINI-TRQ-516-08 Datasheet
168Kb / 1P
   Torque Wrench
logo
Rosenberger Hochfrequen...
32W100-016 ROSENBERGER-32W100-016 Datasheet
83Kb / 1P
   TORQUE WRENCH
64W021-000 ROSENBERGER-64W021-000 Datasheet
646Kb / 2P
   Torque Wrench
53W008-000 ROSENBERGER-53W008-000 Datasheet
281Kb / 2P
   Torque Wrench
53W009-000 ROSENBERGER-53W009-000 Datasheet
283Kb / 2P
   Torque Wrench
74W021-000 ROSENBERGER-74W021-000 Datasheet
361Kb / 2P
   TORQUE WRENCH
logo
Glenair, Inc.
600-161 GLENAIR-600-161 Datasheet
301Kb / 1P
   Digital Torque Wrench
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com