Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VA26-PC7-PC7-60 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # VA26-PC7-PC7-60
Description  TEST CABLE SET RPC-7 / RPC-7
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

VA26-PC7-PC7-60 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  VA26-PC7-PC7-60 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG VA26-PC7-PC7-60 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
TEST CABLE SET
RPC-7 / RPC-7
VA26-PC7-PC7-60
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Electrical data
Impedance
50
Ω
Frequency
DC to 18 GHz
Return loss
≥ 28 dB, DC to 4 GHz
≥ 20 dB, 4 GHz to 18 GHz
Insertion loss
≤ 1.30 dB at 18 GHz
Phase deviation:
After 90° bending
≤ 0.5°, DC to 4 GHz
≤ 2.0°, 4 GHz to 18 GHz
Straight after 3x90° bending
≤ 0.5°, DC to 4 GHz
≤ 1.5°, 4 GHz to 18 GHz
Amplitude stability
≤ 0.03 dB, DC to 4 GHz
≤ 0.05 dB, 4 GHz to 18 GHz
Return loss stability
≥ 48 dB, DC to 4 GHz
≥ 40 dB, 4 GHz to 18 GHz
RF-leakage
≥ 100 dB up to 1 GHz
Mechanical data
Minimum bend radius
60 mm
Environmental data
Temperature range
-40°C to +85°C
2002/95/EC (RoHS)
compliant
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Herbert Babinger
24/02/06
Frank Tatzel
28/02/11
e00
11-0169
Krautenbacher J.
28/02/11
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - VA26-PC7-PC7-60

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
VA26-3.50M-3.50F-60 ROSENBERGER-VA26-3.50M-3.50F-60 Datasheet
93Kb / 2P
TEST CABLE SET RPC-3.50 / RPC-3.50
VA26-NM-NM-60 ROSENBERGER-VA26-NM-NM-60 Datasheet
116Kb / 2P
TEST CABLE SET RPC-N 50 / RPC-N 50
VA26-TP-3.50-60 ROSENBERGER-VA26-TP-3.50-60 Datasheet
93Kb / 2P
TEST CABLE SET RPC-3.50 / RPC-3.50
VA26-TP-N-60 ROSENBERGER-VA26-TP-N-60 Datasheet
60Kb / 2P
TEST CABLE SET
VA26-TP-PC7-60 ROSENBERGER-VA26-TP-PC7-60 Datasheet
59Kb / 2P
TEST CABLE SET RPC-3.50 / RPC-7
More results

Similar Description - VA26-PC7-PC7-60

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
VA75-NM-NM-60 ROSENBERGER-VA75-NM-NM-60 Datasheet
552Kb / 2P
TEST CABLE SET RPC-N 75 / RPC-N 75
VA26-3.50M-3.50F-60 ROSENBERGER-VA26-3.50M-3.50F-60 Datasheet
93Kb / 2P
TEST CABLE SET RPC-3.50 / RPC-3.50
VA26-TP-3.50-60 ROSENBERGER-VA26-TP-3.50-60 Datasheet
93Kb / 2P
TEST CABLE SET RPC-3.50 / RPC-3.50
07P101-P034 ROSENBERGER-07P101-P034 Datasheet
505Kb / 3P
RPC-7 Airline
07P101-P041 ROSENBERGER-07P101-P041 Datasheet
1Mb / 3P
RPC-7 Airline
07P150-060S3 ROSENBERGER-07P150-060S3 Datasheet
544Kb / 2P
RPC-7 Mismatch
07P150-075S3 ROSENBERGER-07P150-075S3 Datasheet
559Kb / 2P
RPC-7 Mismatch
VA26-NM-NM-60 ROSENBERGER-VA26-NM-NM-60 Datasheet
116Kb / 2P
TEST CABLE SET RPC-N 50 / RPC-N 50
VA26-TP-PC7-60 ROSENBERGER-VA26-TP-PC7-60 Datasheet
59Kb / 2P
TEST CABLE SET RPC-3.50 / RPC-7
VA26-TP-W-60 ROSENBERGER-VA26-TP-W-60 Datasheet
112Kb / 2P
TEST CABLE SET RPC-3.50 / RPC-SL 26.5 GHZ
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com