Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB-RS232-WE-1800-BT-0.0 Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # USB-RS232-WE-1800-BT-0.0
Description  Serial Converter Range of Cables
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-RS232-WE-1800-BT-0.0 Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button USB-RS232-WE-1800-BT-0.0 Datasheet HTML 7Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 8Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 9Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 10Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 11Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 12Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 13Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 14Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 15Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Copyright © 2010 Future Technology Devices International Limited
10
Document Reference No.: FT_000077
USB TO RS232 SERIAL CONVERTER RANGE OF CABLES Datasheet Version 1.3
Clearance No.: FTDI# 51
6 Cable PCB Circuit Schematic
The circuit schematic for the small internal electronic circuit board, utilising the FTDI FT232R, which is
encapsulated into the USB connector end of the cable, is shown in Figure 6.1.
Customised versions of the cable are also available. Users interested in customised versions of these
cables should contact FTDI sales (sales1@ftdichip.com).
30
32
2
8
4
17
20
24
26
14
15
18
1
19
16
4.7uF +
FB
10nF
1
2
3
4
5
47pFx2
USB-DP
USB-DM
RS232 LEVEL
SHIFTER
TXD
RTS#
RXD
CTS#
FT232R_TXD
FT232R_RTS
FT232R_RXD
FT232R_CTS
VCC
FT232RQ
VCC_3V3
GND
GND
VCC
VCC_3V3
ONLY 1 Resistor is
fitted. Default is
POWER=GND
POWER
FT232R_PWREN#
22
FT232R_SLEEP#
21
EN#
SHUTDOWN#
VCC
Charge
Pump
Caps 2
x 0.1uF
VCC
10
11
TX
LED
RX
LED
100nF
100nF
V+
470nF
V-
470nF
VCC
USB “A” PLUG
GND
Figure 6.1 Circuit Schematic of PCB Used in the USB to RS232 Serial Converter Cable


Similar Part No. - USB-RS232-WE-1800-BT-0.0

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
USB-RS232-WE-1800-BT-0.0 FTDI-USB-RS232-WE-1800-BT-0.0 Datasheet
368Kb / 15P
   Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
2010
USB-RS232-WE-1800-BT-0.0 FTDI-USB-RS232-WE-1800-BT-0.0 Datasheet
367Kb / 15P
   Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
Version 1.3 Date: 2009-12-18
More results

Similar Description - USB-RS232-WE-1800-BT-0.0

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
TTL-232R FTDI-TTL-232R_V01 Datasheet
561Kb / 26P
   TTL to USB Serial Converter Range of Cables
TTL-232R FTDI-TTL-232R_10 Datasheet
557Kb / 26P
   TTL TO USB SERIAL CONVERTER RANGE OF CABLES
TTL-234X-3V3 FTDI-TTL-234X-3V3 Datasheet
631Kb / 27P
   Series Range of Cables
FT_000077 FTDI-FT_000077 Datasheet
368Kb / 15P
   Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
2010
RS232 FTDI-RS232 Datasheet
367Kb / 15P
   Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
Version 1.3 Date: 2009-12-18
logo
Advantech Co., Ltd.
BB-9PAMF1 ADVANTECH-BB-9PAMF1 Datasheet
746Kb / 1P
   DB9M to DB9F Serial Cables
logo
List of Unclassifed Man...
LPM232-B ETC2-LPM232-B Datasheet
134Kb / 4P
   Serial Converter
logo
PHOENIX CONTACT
1424661 PHOENIX-1424661 Datasheet
89Kb / 4P
   Reliable and quick connection of electric cables
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
Omron Electronics LLC
E32 OMRON-E32 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com