Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC0201BRNPO7BN121 Datasheet(PDF) 14 Page - YAGEO Corporation

Part # CC0201BRNPO7BN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0201BRNPO7BN121 Datasheet(HTML) 14 Page - YAGEO Corporation

Back Button CC0201BRNPO7BN121 Datasheet HTML 6Page - YAGEO Corporation CC0201BRNPO7BN121 Datasheet HTML 7Page - YAGEO Corporation CC0201BRNPO7BN121 Datasheet HTML 8Page - YAGEO Corporation CC0201BRNPO7BN121 Datasheet HTML 9Page - YAGEO Corporation CC0201BRNPO7BN121 Datasheet HTML 10Page - YAGEO Corporation CC0201BRNPO7BN121 Datasheet HTML 11Page - YAGEO Corporation CC0201BRNPO7BN121 Datasheet HTML 12Page - YAGEO Corporation CC0201BRNPO7BN121 Datasheet HTML 13Page - YAGEO Corporation CC0201BRNPO7BN121 Datasheet HTML 14Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
www.yageo.com
Nov. 24, 2016 V.15
Surface-Mount Ceramic Multilayer Capacitors
14
14
Product specification
General Purpose
16 V to 50 V
NP0
REVISION HISTORY
REVISION
DATE
CHANGE
NOTIFICATION
DESCRIPTION
Version 15
Nov. 21, 2016
-
- Product range updated
Version 14
Jul. 22, 2016
-
- Add 0805/8.2nF and 10nF/ 16V to 50V, T=1.25mm
Version 13
May. 16, 2016
-
- Product range updated
Version 12
Feb. 16, 2016
-
- Product range updated
Version 11
Sep. 11, 2014
-
- Product range updated
Version 10
Feb. 18, 2014
-
- Product range updated
Version 9
Jun. 17, 2013
-
- Product range updated
Version 8
Aug 05, 2011
-
- Dimension updated
Version 7
Jun 14, 2011
-
- Size1210 T=1.0mm SPQ added
- Dimension updated
Version 6
Jan 06, 2011
-
- Dimension updated
Version 5
Dec 29, 2010
-
- Dimension updated
Version 4
Nov 23, 2010
-
- Dimension updated
Version 3
Apr 20, 2010
-
- The statement of "Halogen Free" on the cover added
- Dimension updated
Version 2
Oct 26, 2009
-
- Typo updated
Version 1
Jun 02, 2009
-
- 12NC code updated
Version 0
Apr 15, 2009
-
- New datasheet for general purpose NP0 series with RoHS compliant
- Replace the "16V to 50V" part of pdf files: NP0_16V_7, NP0_16V-to-
100V_6, NP0_25V_7, NP0_50-to-500V_11
- Combine 0201 from pdf files: UP-NP0X5RX7RY5V_0201_6.3-to-50V_2
and UY-NPOX5RX7RY5V_0201_6.3-to-50V_2
- Define global part number
- Description of "Halogen Free compliant" added
- Test method and procedure updated


Similar Part No. - CC0201BRNPO7BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0201BRNPO7BN100 YAGEO-CC0201BRNPO7BN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC0201BRNPO7BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com