Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4209 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4209
Description  DC Motor Driver for Servo Driver Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4209 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4209 Datasheet HTML 2Page - Infineon Technologies AG TLE4209 Datasheet HTML 3Page - Infineon Technologies AG TLE4209 Datasheet HTML 4Page - Infineon Technologies AG TLE4209 Datasheet HTML 5Page - Infineon Technologies AG TLE4209 Datasheet HTML 6Page - Infineon Technologies AG TLE4209 Datasheet HTML 7Page - Infineon Technologies AG TLE4209 Datasheet HTML 8Page - Infineon Technologies AG TLE4209 Datasheet HTML 9Page - Infineon Technologies AG TLE4209 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TLE 4209
Overview
Data Sheet
6
2000-09-05
Outputs OUT1-2
Saturation Voltages
Source (upper)
IOUT = – 0.2A
VSATU
0.85
1.15
V
Tj = 25 °C
Source (upper)
IOUT = – 0.4A
VSATU
0.90
1.20
V
Tj = 25 °C
Sink (upper)
IOUT = – 0.8A
VSATU
1.10
1.50
V
Tj = 25 °C
Sink (lower)
IOUT = 0.2A
VSATL
0.15
0.23
V
Tj = 25 °C
Sink (lower)
IOUT = 0.4A
VSATL
0.25
0.40
V
Tj = 25 °C
Sink (lower)
IOUT = 0.8A
VSATL
0.45
0.75
V
Tj = 25 °C
Total drop
IOUT = 0.2 A
VSAT
1.0
1.4
V
VSAT = VSAT U +
VSAT L
Total drop
IOUT = 0.4 A
VSAT
1.2
1.7
V
VSAT = VSAT U +
VSAT L
Total drop
IOUT = 0.8 A
VSAT
1.6
2.5
V
VSAT = VSAT U +
VSAT L
Clamp Diodes
Forward voltage; upper
VFU
1.0
1.5
V
IF = 0.4 A
Upper leakage current
ILKU
5
mA
IF = 0.4 A
Forward voltage; lower
VFL
0.9
1.4
V
IF = 0.4 A
1.7
Electrical Characteristics (cont’d)
8 V <
VS < 18 V; IOUT1-2 = 0 A; – 40 °C < Tj < 150 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.


Similar Part No. - TLE4209

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4209A INFINEON-TLE4209A Datasheet
329Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.1, 2007-07-24
TLE4209A INFINEON-TLE4209A Datasheet
404Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4209A INFINEON-TLE4209A_16 Datasheet
404Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4209G INFINEON-TLE4209G Datasheet
333Kb / 15P
Automotive Power
Rev. 1.3, February 2008
TLE4209G INFINEON-TLE4209G Datasheet
469Kb / 15P
0.8A DC Motor Driver for Servo Driver Applications
Rev. 1.4, May 2017
More results

Similar Description - TLE4209

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4206 SIEMENS-TLE4206 Datasheet
142Kb / 14P
1-A DC Motor Driver for Servo Driver Applications
logo
ON Semiconductor
MC33030 ONSEMI-MC33030_06 Datasheet
214Kb / 17P
DC Servo Motor Controller/Driver
June, 2006 ??Rev. 6
logo
Infineon Technologies A...
TLE4206G INFINEON-TLE4206G Datasheet
607Kb / 15P
1-A DC Motor Driver for Servo Driver Applications TLE 4206G
V1.1 2007-08-10
TLE4209A INFINEON-TLE4209A Datasheet
329Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.1, 2007-07-24
TLE4206-2G INFINEON-TLE4206-2G Datasheet
621Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206G INFINEON-TLE4206G_15 Datasheet
605Kb / 15P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4209A INFINEON-TLE4209A_16 Datasheet
404Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4206-2G INFINEON-TLE4206-2G_17 Datasheet
494Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
TLE4726G INFINEON-TLE4726G_17 Datasheet
469Kb / 15P
0.8A DC Motor Driver for Servo Driver Applications
Rev. 1.4, May 2017
logo
IK Semicon Co., Ltd
IK8508 IKSEMICON-IK8508 Datasheet
723Kb / 12P
DC Motor Driver for Servo Driver Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com