Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9059E Datasheet(PDF) 54 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9059E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9059E Datasheet(HTML) 54 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9059E Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
FEDL9059E-01
LAPIS Semiconductor
ML9059E
54/72
EXAMPLES OF SETTINGS FOR THE INSTRUCTIONS
When Using the Internal Power Supply Immediately After Power-on
*(a):
Carry out power control set within 5ms after releasing the reset state.
The 5ms duration changes depending on the panel characteristics and the value of the smoothing
capacitor. We recommend verification of operation using an actual unit.
*(b):
When trace resistance in COG mounting does not exist, wait for over 300 ms.
Since this value varies with trace resistance, V1, smoothing capacitors, or voltage multiplier
capacitors in COG mounting, confirm operation on an actual circuit board when using this LSI.
Notes:
Sections to be referred to
*1:
Functional description “Reset circuit”
*2:
Description of operation “LCD bias set”
*3:
Description of operation “ADC select”
*4:
Description of operation “Common output state select”
*5:
Description of operation “Line reversal/frame reversal drive select”
*6:
Functional description “Power supply circuit”, Operation description “Voltage V1 adjustment
internal resistor ratio set”
*7:
Functional
description
“Power
supply circuit”,
Description
of
operation
“Electronic
potentiometer”
*8:
Functional description “Power supply circuit”, Description of operation “Power control set”
VDD-VSS Power supply ON when the pin RES = “L”
Power supply stabilization
Release reset state (
RES Pin = “H”)
Initial settings state (default)
*1
Wait for more than 300 ms
Function setting using command input (user settings)
LCD bias set
ADC select
Common output state select
Line reversal/frame reversal drive select
*2
*3
*4
*5
Function setting using command input (user settings)
Setting voltage V1 adjustment internal resistor ratio
Electronic potentiometer
*6
*7
*8
*(a)
Function stabilization using command input (user settings)
Power control set
Initial setting state complete
*(b)


Similar Part No. - ML9059E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9059E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9050 OKI-ML9050 Datasheet
472Kb / 71P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059 OKI-ML9059 Datasheet
534Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
FEDL9059E-01 ETC2-FEDL9059E-01 Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com