Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9059E Datasheet(PDF) 3 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9059E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9059E Datasheet(HTML) 3 Page - LAPIS Semiconductor Co., Ltd.

  ML9059E Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
FEDL9059E-01
LAPIS Semiconductor
ML9059E
3/72
ABSOLUTE MAXIMUM RATINGS
VSS = 0 V
Parameter
Symbol
Condition
Rated value
Unit
Applicable pins
Power supply voltage
VDD
Tj = 25°C
–0.3 to +6.5
V
VDD
Bias voltage
VBI
Tj = 25°C
–0.3 to +20
V
V1 to V5
Voltage multiplier output
voltage
VOUT
Tj = 25°C
–0.3 to +20
V
VOUT
Voltage multiplier reference
voltage
VIN
2-time multiplication
3-time multiplication
4-time multiplication
–0.3 to +5.5
–0.3 to +5.5
–0.3 to +5.0
V
VIN
Input voltage
VI
Tj = 25°C
–0.3 to VDD+0.3
V
All inputs
Storage temperature range
TSTG
Chip
–55 to +125
°C
Tj:Chip surface temperature
RECOMMENDED OPERATING CONDITIONS
VSS = 0 V
Parameter
Symbol
Condition
Rated value
Unit
Applicable pins
Power supply voltage
VDD
3.7 to 5.5
V
VDD
Bias voltage
VBI
6 to 18
V
V1 to V5
Voltage multiplier reference
voltage
VIN
2-time multiplication
3-time multiplication
4-time multiplication
3.7 to 5.5
3.7 to 5.5
3.7 to 4.5
V
VIN
Voltage multiplier output
voltage
VOUT
External input
6.0 to 18
V
VOUT
Operating temperature range
TJOP
–40 to +85
°C
Note 1:
The electrical characteristics are influenced by COG trace resistance. This LSI always has to
be evaluated before using.
Note 2:
The voltages VDD, V1 to V5, and VOUT are values taking VSS = 0 V as the reference.
Note 3:
The highest bias potential is V1 and the lowest is VSS.
Note 4:
Always maintain the relationship V1
 V2  V3  V4  V5  V
SS among these voltages.
V
CC
GND
V
IN
V
DD
V
SS
V
OUT
V1 to V5
ML9059E
System (MPU)


Similar Part No. - ML9059E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9059E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9050 OKI-ML9050 Datasheet
472Kb / 71P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059 OKI-ML9059 Datasheet
534Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
FEDL9059E-01 ETC2-FEDL9059E-01 Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com