Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9059E Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9059E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9059E Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML9059E Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9059E Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
LAPIS Semiconductor
FEDL9059E-01
Issue Date: April. 13, 2007
ML9059E
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
1/72
GENERAL DESCRIPTION
The ML9059E is an LSI for dot matrix graphic LCD devices carrying out bit map display. This LSI can drive a dot
matrix graphic LCD display panel under the control of an 8-bit microcomputer (hereinafter described MPU).
Since all the functions necessary for driving a bit map type LCD device are incorporated in a single chip, using the
ML9059E makes it possible to realize a bit map type dot matrix graphic LCD display system with only a few chips.
Since the bit map method in which one bit of display RAM data turns ON or OFF one dot in the display panel, it is
possible to carry out displays with a high degree of freedom such as Chinese character displays, etc. With one chip,
it is possible to construct a graphic display system with a maximum of 49
 132 dots. The display can be expanded
further using two chips. However, the ML9059E is not used in a multiple chip configuration when a line reversal
drive is set.
The ML9059E is made using a CMOS process. Because it has a built-in RAM, low power consumption is one of
its features, and is therefore suitable for displays in battery-operated portable equipment.
The ML9059E has 49 common signal outputs and 132 segment signal outputs and one chip can drive a display of
up to 49
 132 dots.
FEATURES
 Direct display of the RAM data using the bit map method
Display RAM data “1” ... Dot is displayed
Display RAM data “0” ... Dot is not displayed (during forward display)
 Display RAM capacity
65
 132 = 8580 bits
 LCD Drive circuits
49 common outputs, 132 segment outputs
 MPU interface: Can select an 8-bit parallel or serial interface
 Built-in voltage multiplier circuit for the LCD drive power supply
 Built-in LCD drive voltage adjustment circuit
 Built-in LCD drive bias generator circuit
 Can select frame reversal drive or line reversal drive by command
 Built-in oscillator circuit (Internal RC oscillator/external clock input)
 A variety of commands
Read/write of display data, display ON/OFF, forward/reverse display, all dots ON/all dots OFF, set page
address, set display start address, etc.
 Power supply voltage
Logic power supply: VDD-VSS = 3.7 V to 5.5 V
Voltage multiplier reference voltage: VIN-VSS = 3.7 V to 5.5 V
(2- to 4-time multiplier available)
LCD Drive voltage: VBI-VSS = 6.0 to 18 V
 Package: Gold bump chip (Bump hardness: Low, DV)
: Gold bump chip (Bump hardness: High, CV)
 This device is not resistant to radiation and light.


Similar Part No. - ML9059E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9059E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9050 OKI-ML9050 Datasheet
472Kb / 71P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059 OKI-ML9059 Datasheet
534Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9059E-01 ETC2-FEDL9059E-01 Datasheet
410Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com