Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9058E Datasheet(PDF) 41 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 41 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
41/76
DBn
No
Operation
7 6 5 4 3 2 1 0
A0
RD
WR
Comment
Electronic
Potentiometer
mode set
1 0 0 0 0 0 0 1
0
1
0
18
Electronic
potentiometer
Electronic
potentiometer
register set
* * Electronic
potentiometer
value
0
1
0
Sets a 6-bit data in the
electronic potentiometer
register to adjust the V1
output voltage.
(2-byte command)
OFF
1 0 1 0 1 1 0 0
0
1
0
OFF when DB0 = 0
Static indicator
ON
1 0 1 0 1 1 0 1
0
1
0
19
Static indicator register set
* * * * * * State
0
1
0
ON when DB0 = 1
Sets the blinking state.
(2-byte command)
1 1 0 1 0 * * *
0
1
0
Frame reversal when
DB3 = 0.
LCD drive method set
1 1 0 1 1 * * *
0
1
0
20
1)
Line reversal number set
* * * Number of lines
0
1
0
Line reversal when DB3 = 1
Sets the number (2-byte
command) of line reversal.
21
Power save
Compound command of
Display OFF and Display
all-on.
22
NOP
1 1 1 0 0 0 1 1
0
1
0
The “No Operation”
command.
23
Test
1 1 1 1 * * * *
0
1
0
The command for factory
testing of the IC chip.
*: Invalid data (input: Don’t care, output: Unknown)
Note 1: When the line reversal drive is set, the ML9058E is not used in a multiple chip configuration.


Similar Part No. - ML9058E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9058E

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com