Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9058E Datasheet(PDF) 72 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 72 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 68Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 69Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 70Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 71Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 72Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 72 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
72/76
REFERENCE DATA
(The rise time until V1-V5 is stabilized when command “2F” is input after power-on in COG mounting.)
3-time voltage multiplication
0
50
100
150
200
250
300
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
R=100
R=200
4-time voltage multiplication
0
50
100
150
200
250
300
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
R=100
R=200
Parameter: trace resistance external to COG-mounted chip
V1 Voltage [V]
V1 Voltage [V]
Parameter: trace resistance external to COG-mounted chip
Reference value of V1-V5 rise stabilization time in ML9058E COG mounting
Conditions: VIN=5V, 3-time multiplication, Tj=
40C to +85C
Voltage multiplier capacitor C1=3.3
F, smoothing capacitor C2=1F
Reference value of V1-V5 rise stabilization time in ML9058E COG mounting
Conditions: VIN=4.5V ,4-time multiplication, Tj=
40C to +85C
Voltage multiplier capacitor C1=3.3
F, smoothing capacitor C2=1F


Similar Part No. - ML9058E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9058E

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com