Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9058E Datasheet(PDF) 60 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 60 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 61Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 62Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 63Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 64Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
60/76
Pad No.
Pad Name
X (µm)
Y (µm)
Pad No.
Pad Name
X (µm)
Y (µm)
41
VDD
-1062.5
-1376.0
81
V1
2337.5
-1376.0
42
VDD
-977.5
-1376.0
82
V1
2422.5
-1376.0
43
VDD
-892.5
-1376.0
83
V2
2507.5
-1376.0
44
VDD
-807.5
-1376.0
84
V2
2592.5
-1376.0
45
VIN
-722.5
-1376.0
85
V3
2677.5
-1376.0
46
VIN
-637.5
-1376.0
86
V3
2762.5
-1376.0
47
VIN
-552.5
-1376.0
87
V4
2847.5
-1376.0
48
VIN
-467.5
-1376.0
88
V4
2932.5
-1376.0
49
VIN
-382.5
-1376.0
89
V5
3017.5
-1376.0
50
VSS
-297.5
-1376.0
90
V5
3102.5
-1376.0
51
VSS
-212.5
-1376.0
91
VR
3187.5
-1376.0
52
VSS
-127.5
-1376.0
92
VR
3272.5
-1376.0
53
VSS
-42.5
-1376.0
93
VDD
3357.5
-1376.0
54
VSS
42.5
-1376.0
94
M/
S
3442.5
-1376.0
55
VSS
127.5
-1376.0
95
CLS
3527.5
-1376.0
56
VSS
212.5
-1376.0
96
VSS
3612.5
-1376.0
57
VOUT
297.5
-1376.0
97
C86
3697.5
-1376.0
58
VOUT
382.5
-1376.0
98
P/
S
3782.5
-1376.0
59
VC6+
467.5
-1376.0
99
VDD
3867.5
-1376.0
60
VC6+
552.5
-1376.0
100
DUMMY
3952.5
-1376.0
61
VC6+
637.5
-1376.0
101
VSS
4037.5
-1376.0
62
VC4+
722.5
-1376.0
102
IRS
4122.5
-1376.0
63
VC4+
807.5
-1376.0
103
VDD
4207.5
-1376.0
64
VC4+
892.5
-1376.0
104
DUMMY
4292.5
-1376.0
65
VS2-
977.5
-1376.0
105
DUMMY
4443.0
-1049.9
66
VS2-
1062.5
-1376.0
106
DUMMY
4443.0
-997.9
67
VS2-
1147.5
-1376.0
107
DUMMY
4443.0
-945.9
68
VS1-
1232.5
-1376.0
108
DUMMY
4443.0
-893.9
69
VS1-
1317.5
-1376.0
109
DUMMY
4443.0
-841.9
70
VS1-
1402.5
-1376.0
110
DUMMY
4443.0
-789.9
71
VC5+
1487.5
-1376.0
111
DUMMY
4443.0
-737.9
72
VC5+
1572.5
-1376.0
112
DUMMY
4443.0
-685.9
73
VC5+
1657.5
-1376.0
113
COM31
4443.0
-633.9
74
VC3+
1742.5
-1376.0
114
COM30
4443.0
-581.9
75
VC3+
1827.5
-1376.0
115
COM29
4443.0
-529.9
76
VC3+
1912.5
-1376.0
116
COM28
4443.0
-477.9
77
VSS
1997.5
-1376.0
117
COM27
4443.0
-425.9
78
VRS
2082.5
-1376.0
118
COM26
4443.0
-373.9
79
VRS
2167.5
-1376.0
119
COM25
4443.0
-321.9
80
VDD
2252.5
-1376.0
120
COM24
4443.0
-269.9


Similar Part No. - ML9058E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9058E

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com