![]() |
Electronic Components Datasheet Search |
|
ML9058E Datasheet(PDF) 57 Page - LAPIS Semiconductor Co., Ltd. |
|
|
ML9058E Datasheet(HTML) 57 Page - LAPIS Semiconductor Co., Ltd. |
57 / 76 page ![]() FEDL9058E-01 LAPIS Semiconductor ML9058E 57/76 Power Supply OFF (*15) Any state Function stabilization using command input (user settings) Power save *16 VDD-VSS Power supply OFF Notes: Sections to be referred to *15: The power supply of this LSI is switched OFF after switching OFF the internal power supply. Function description “Power supply circuit” If the power supply of this LSI is switched OFF when the internal power supply is still ON, since the state of supplying power to the built-in LCD drive circuits continues for a short duration, it may affect the display quality of the LCD panel. Always follow the power supply switching OFF sequence. *16: Description of operation “Power save” *17: After reset is input the power supply may off without obeying above sequence. Refresh Although the ML9058E holds operation state by commands, excessive external noise might change the internal state. On a chip-mounting and system level, it is necessary to take countermeasures against preventing noise from occurring. It is recommended to use the refresh sequence periodically to control sudden noise. *18: Regardless of presence of setting of “Read-modify-write”commanfd, please carry out “END” command. Set to the state in which all commands have been set. Test mode release command (E3(H)) Refresh RAM - LCD bias set - ADC select - Display Forwar/Reverse - Set “LCD ALL-on display“ ON - Common output state select - LCD drive mode set - Static indecator register set - Voltage V1 adjustment internal resistance ratio set - Electronic potnetiometer - Power control set - Release the read-modify-write sate(END) (*18) - Set “NOP” operation - Display start line set - Page address set - Column address set - Display data write - Display ON |
Similar Part No. - ML9058E |
|
Similar Description - ML9058E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |