![]() |
Electronic Components Datasheet Search |
|
ML9058E Datasheet(PDF) 52 Page - LAPIS Semiconductor Co., Ltd. |
|
|
ML9058E Datasheet(HTML) 52 Page - LAPIS Semiconductor Co., Ltd. |
52 / 76 page ![]() FEDL9058E-01 LAPIS Semiconductor ML9058E 52/76 Sleep state In this state, all the operations of the LCD display system are stopped and it is possible to reduce the current consumption to a level near the idle state current consumption unless there are accesses from the MPU. The internal conditions in the sleep state are as follows: (1) The oscillator circuit and the LCD power supply are stopped. (2) All the LCD drive circuits are stopped and the segment and common driver outputs will be at the VSS level. Standby state All operations of the dynamic LCD display section are stopped, only the static display circuits for the indicators operate and hence the current consumption will be the minimum necessary for static drive. The internal conditions in the standby state are as follows: (1) The power supply circuit for LCD drive is stopped. The oscillator circuit will be operating. (2) The LCD drive circuits for dynamic display are stopped and the segment and common driver outputs will be at the VSS level. The static display section will be operating. Note: When using an external power supply, stop external power supply at power save start-up. For example, when providing each level of LCD drive voltage with external voltage divider, add a circuit for cutting off current flowing through the resistors of the voltage divider when initiating power save. The ML9058E has LCD display blanking control pin, DOF, which goes "L" at power save start-up. The external power supply can be stopped using DOF output. NOP (Write) This is a No Operation command. A0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 1 1 1 0 0 0 1 1 Test (Write) This is a command for testing the IC chip. Do not use this command. When the test command is issued by mistake, this state can be released by issuing a NOP command. A0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 1 1 1 1 * * * * *: Invalid data |
Similar Part No. - ML9058E |
|
Similar Description - ML9058E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |