![]() |
Electronic Components Datasheet Search |
|
ML9058E Datasheet(PDF) 50 Page - LAPIS Semiconductor Co., Ltd. |
|
|
ML9058E Datasheet(HTML) 50 Page - LAPIS Semiconductor Co., Ltd. |
50 / 76 page ![]() FEDL9058E-01 LAPIS Semiconductor ML9058E 50/76 LCD Drive Method Set (Write) This command sets the LCD drive method. Line reversal drive (2-byte command)/frame reversal drive select Line or frame reversal drive can be selected as the LCD drive method. When selecting line reversal drive, which is 2-byte command used with line reversal number set command, be sure to use both commands successively. Once line reversal drive is set, commands other than line reversal number set command cannot be used. This state is released after data is set to the register by line reversal number set command. The frame reversal set command is a single byte command. LCD drive method A0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Frame reversal 0 1 1 0 1 0 * * * Line reversal 0 1 1 0 1 1 * * * *: Invalid data Line reversal number set (Write) The number of lines is set when the line reversal is set using the LCD drive method set command. Number of line reversal A0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 1 0 * * * 0 0 0 0 0 2 0 * * * 0 0 0 0 1 3 0 * * * 0 0 0 1 0 4 0 * * * 0 0 0 1 1 31 1 1 1 1 0 32 0 * * * 1 1 1 1 1 *: Invalid data Note 1: Because the number of line reversal depends on panel size and panel load capacitance, set the optimum number of lines at the time of ES evaluation. Note 2: When line reversal drive is used, a multiple chip configuration cannot be achieved. LCD drive method set Number of line is set in case of line reversal |
Similar Part No. - ML9058E |
|
Similar Description - ML9058E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |