Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9058E Datasheet(PDF) 49 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 49 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
49/76
 Static indicator ON/OFF (Write)
When the Static indicator ON command is issued, the Static indicator register set command becomes effective.
Once the Static indicator ON command is issued, it is not possible to issue any command other than the Static
indicator register set command. This condition is released only after some data is written into the register using the
static indicator register set command.
Static indicator
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
OFF
0
1
0
1
0
1
1
0
0
ON
0
1
0
1
0
1
1
0
1
 Static indicator register set (Write)
This command is used to set data in the 2-bit static indicator register thereby setting the blinking state of the static
indicator.
Indicator
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
OFF
0
*
*
*
*
*
*
0
0
ON(Blinking at about 1sec intervals)
0
*
*
*
*
*
*
0
1
ON(Blinking at about 0.5sec intervals)
0
*
*
*
*
*
*
1
0
ON(Continuously ON)
0
*
*
*
*
*
*
1
1
*: Invalid data
Sequence of setting the static indicator register:
Static indicator ON
Static indicator register set
The static indicator mode is released


Similar Part No. - ML9058E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9058E

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com