Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9058E Datasheet(PDF) 40 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 40 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
40/76
LIST OF OPERATION
DBn
No
Operation
7 6 5 4 3 2 1 0
A0
RD
WR
Comment
Display OFF
1 0 1 0 1 1 1 0
0
1
0
1
Display ON
1 0 1 0 1 1 1 1
0
1
0
LCD Display:
OFF when DB0 = 0 ON when DB0 = 1
2
Display start line set
0 1 Address
0
1
0
The display starting line address in the
display RAM is set.
3
Page address set
1 0 1 1 Address
0
1
0
The page address in the display RAM is
set.
Column address set
(upper bits)
0 0 0 1 Address
(upper)
0
1
0
The upper 4 bits of the column address in
the display RAM is set.
4
Column address set
(lower bits)
0 0 0 0 Address
(lower)
0
1
0
The lower 4 bits of the column address in
the display RAM is set.
5
Status read
Status * * * *
0
0
1
The status information is read out from the
upper 4 bits.
6
Display data write
Write data
1
1
0
Writes data to the display data RAM.
7
Display data read
Read data
1
0
1
Reads data from the display data RAM.
Forward
1 0 1 0 0 0 0 0
0
1
0
8
ADC select
Reverse
1 0 1 0 0 0 0 1
0
1
0
Correspondence to the segment output for
the display data RAM address
Forward when DB0 = 0
Reverse when DB0 = 1
Forward
1 0 1 0 0 1 1 0
0
1
0
9
Display
Reverse
1 0 1 0 0 1 1 1
0
1
0
Forward or reverse LCD display mode
Forward when DB0 = 0
Reverse when DB0 = 1
OFF(Normal
display)
1 0 1 0 0 1 0 0
0
1
0
10
LCD
All-on display
ON
1 0 1 0 0 1 0 1
0
1
0
LCD
Normal display when DB0 = 0
All-on display when DB0 = 1
1 0 1 0 0 0 1 0
0
1
0
11
LCD bias set
1 0 1 0 0 0 1 1
0
1
0
Sets the LCD drive voltage bias ratio.
1/9 when DB0 = 0 and 1/7 when DB0 = 1
12
Read-modify-write
1 1 1 0 0 0 0 0
0
1
0
Incrementing column address
During a write: +1
During a read: 0
13
End
1 1 1 0 1 1 1 0
0
1
0
Releases the read-modify-write state.
14
Reset
1 1 1 0 0 0 1 0
0
1
0
Internal reset
1 1 0 0 0 * * *
0
1
0
15
Common output
state select
1 1 0 0 1 * * *
0
1
0
Selects the common output scanning
direction.
Forward when DB3 = 0
Reverse when DB3 = 1
16
Power control set
0 0 1 0 1
Operating state
0
1
0
Selects the operating state of the internal
power supply. Set the lower 3 bits.
17
Voltage V1
adjustment internal
resistance ratio set
0 0 1 0 0
Resistance
ratio setting
0
1
0
Selects the internal resistor ratio.
Set the lower 3 bits.


Similar Part No. - ML9058E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9058E

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com