Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9058E Datasheet(PDF) 35 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 35 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
35/76
(c) When external resistors are used (voltage V1 adjustment internal resistors are not used) and a variable resistor
is also used
It is possible to set the LCD drive power supply voltage V1 using fine adjustment of Ra' and Rb' by adding a
variable resistor to the case of using external resistors in the above case. Even in this case, it is possible to control
the LCD power supply voltage V1 and adjust the intensity of LCD display using commands if the electronic
potentiometer function is used.
The voltage V1 can be obtained by the following equation C-1 in the range of V1<VOUT by setting the external
resistors R1, R2 (variable resistor), and R3 appropriately and making fine adjustment of R2 (R2).
V1 = (1 + (R3 + R2 – R2)/(R1 + R2))  VEV
= (1 + (R3 + R2 – R2)/(R1 + R2))  (1 – (/324))  VREG (Eqn. C-1)
Fig. 11 V1 voltage adjustment circuit (equivalent circuit)
Setting example: Setting V1 in the range 5 V to 9 V using R2 at Tj = 25°C .
When the electronic potentiometer register value is set to (DB5, DB4, DB3, DB2, DB1, DB0) = (1, 0, 0, 0, 0, 0),
the value of
 will be 31 and that of VREG will be 3.0 V, and hence in order to make V1 = 9 V when R
2 = 0, the
equation C-1 becomes as follows:
9 = (1 + (R3 + R2)/R1)  (1 – (31/324))  (3.0) (Eqn. C-2)
In order to make V1 = 5 V when
R
2 = R2,
5 = (1 + R3/(R1+R2))  (1 – (31/324))  (3.0) (Eqn. C-3)
Further, if the current flowing between VSS and V1 is set as 5 µA, the value of R1 + R2 + R3 becomes-
R1 + R2 + R3 = 1.8 M (Eqn. C-4)
and hence,
R1 = 542 k, R2 = 436 k, R3 = 822 k.
In this case, the variability range of voltage V1 using the electronic potentiometer function and the increment size
will be as given in Table 13.
Table 14 Example 2 of V1 variable-voltage range using electronic potentiometer function and
variable resistor
V1
Min
Typ
Max
Unit
Variable-voltage range
4.45 (
 = 63)
7.0 (
 = 31)
9.96 (
 = 0)
[V]
VEV (Constant voltage supply +
electronic potentiometer)
+
Rb'
Ra'
External R3
 R
2
VR
VSS
V1
External R2
External R1


Similar Part No. - ML9058E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9058E

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com