Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9058E Datasheet(PDF) 34 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 34 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
34/76
(b) When external resistors are used (voltage V1 adjustment internal resistors are not used)
It is also possible to set the LCD drive power supply voltage V1 without using the internal resistors for voltage V1
adjustment but connecting external resistors (Ra' and Rb') between VSS & VR and between VR & V1. Even in this
case, it is possible to control the LCD power supply voltage V1 and adjust the intensity of LCD display using
commands if the electronic potentiometer function is used.
The voltage V1 can be obtained by the following equation B-1 in the range of V1<VOUT by setting the external
resistors Ra' and Rb' appropriately.
V1 = (1 + (Rb'/Ra'))
 VEV = (1 + (Rb'/Ra'))  (1 – (/324))  VREG (Eqn. B-1)
+
VSS
V1
External Ra'
External Rb'
VEV (Constant voltage supply +
electronic potentiometer)
VR
Fig. 10 V1 voltage adjustment circuit (equivalent circuit)
Setting example: Setting V1 = 7 V at Tj = 25°C
When the electronic potentiometer register value is set to the middle value of (DB5, DB4, DB3, DB2, DB1, DB0)
= (1, 0, 0, 0, 0, 0), the value of
 will be 31 and that of VREG will be 3.0 V, and hence the equation B-1 becomes
as follows:
V1 = (1 + (Rb'/Ra'))
 (1 – (/324))  VREG
7 = (1 + (Rb'/Ra'))
 (1 – (31/324))  3.0 (Eqn. B-2)
Further, if the current flowing through Ra' and Rb' is set as 5 µA, the value of Ra' + Rb' will be - Ra' + Rb' = 1.4
M
 (Eqn. B-3)
and hence,
Rb'/Ra' = 1.58, Ra' = 543 k
, Rb' = 857 k.
In this case, the variability range of voltage V1 using the electronic potentiometer function will be as given in
Table 13.
Table 13 Example 1 of V1 variable-voltage range using electronic potentiometer function
V1
Min
Typ
Max
Unit
Variable-voltage range
6.24 (
 = 63)
7.0 (
 = 31)
7.74 (
 = 0)
[V]


Similar Part No. - ML9058E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9058E

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com