Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9058E Datasheet(PDF) 30 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 30 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
30/76
Power Supply Circuit
This is the low power consumption type power supply circuit for generating the voltages necessary for driving
LCD devices, and consists of voltage multiplier circuits, voltage adjustment circuits, and voltage follower circuits.
In the power supply circuit, it is possible to control the ON/OFF of each of the circuits of the voltage multiplier,
voltage adjustment circuits, and voltage follower circuits using the power control set command. As a result, it is
also possible to use parts of the functions of both the external power supply and the internal power supply. Table
8 shows the functions controlled by the 3-bit data of the power control set command and Table 9 shows a sample
combination.
Table 8 Details of functions controlled by the bits of the power control set command
Control bit
Function controlled by the bit
DB2
Voltage multiplier circuit control bit
DB1
Voltage adjustment circuit (V1 voltage adjustment circuit) control bit
DB0
Voltage follower circuit (V/F circuit) control bit
Table 9 Sample combination for reference
Circuit
State used
DB2 DB1 DB0
Voltage
multiplier
V
Adjustment
V/F
External
voltage
input
Voltage
multiplier
pins *1
Only the internal power
supply is used
1
1
1
VIN
Used
Only V adjustment and
V/F circuits are used
0
1
1

VOUT
OPEN
Only V/F circuits are used
0
0
1
V1
OPEN
Only the external power
supply is used
0
0
0
V1 to V5
OPEN
*1:
The voltage multiplier pins are the pins VS1–, VS2–, VC3+, VC4+, VC5+, and VC6+.
If combinations other than the above are used, normal operation is not guaranteed.


Similar Part No. - ML9058E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9058E

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com