Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9058E Datasheet(PDF) 27 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 27 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
27/76
RAM
DATA
VSS
V5
COM1
V2
V1
VSS
V4
SEGn
V3
V1
VSS
V5
COM0
V2
V1
48
1
2
3
4
5
6
44 45 46 47 48 49 1
2
3
4
5
6
LCDCK
(display clock)
FR
49
Fig. 5(b) Waveforms in the line reversal drive method
When the ML9058E is used in a multiple chip configuration, it is necessary to supply the slave side display timing
signals (FR, CL, and DOF) from the master side. However, when the line reversal drive is set, the ML9058E is not
used in a multiple chip configuration.
The statuses of the signals FR, CL, and DOF are shown in Table 6.
Table 6 Display timing signals in master mode and slave mode
Operating mode
FR
CL
DOF
Internal oscillator circuit enabled (CLS = H)
Output
Output
Output
Master mode (M/
S = “H”)
Internal oscillator circuit disabled (CLS = L)
Output
Input
Output
Internal oscillator circuit disabled (CLS = H)
Input
Input
Input
Slave mode (M/
S = “L”)
Internal oscillator circuit disabled (CLS = L)
Input
Input
Input
Note: During master mode, the oscillator circuit operates from the time the power is applied. The
oscillator circuit can be stopped only in the sleep state.


Similar Part No. - ML9058E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9058E

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com