Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9058E Datasheet(PDF) 24 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 24 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
24/76
 Line address circuit
The line address circuit is used for specifying the line address corresponding to the common output when
displaying the contents of the display data RAM as is shown in Fig. 4. Normally, the topmost line in the display is
specified using the display start line address set command (COM0 output in the forward display state of the
common output, and COM63 output in the reverse display state). The display area is 64 lines in the direction of
increasing line address from the specified display start line address. When the indicator–dedicated common output
pin (COMS) is selected, data in Line Address 40 H = page 8 and bit 0 is displayed irrespective of the display start
line address. COMS selection is 65th in order.
It is possible to carry out screen scrolling by dynamically changing the line address using the display start line
address set command.
 Display data latch circuit
The display data latch circuit is a latch for temporarily storing the data from the display data RAM before being
output to the LCD drive circuits. Since the commands for selecting forward/reverse display and turning the
display ON/OFF control the data in this latch, the data in the display data RAM will not be changed.
Oscillator Circuit
This is an RC oscillator that generates the display clock. The oscillator circuit is effective only when M/S = “H”
and also CLS = “H”. The oscillations will be stopped when CLS = “L”, and the display clock has to be input to the
CL pin.


Similar Part No. - ML9058E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9058E

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com