Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9058E Datasheet(PDF) 20 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 20 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
20/76
FUNCTIONAL DESCRIPTION
MPU Interface
MPU
Read mode
Write mode
80-Series
Pin
RD = “L”
Pin
WR = “L”
Pin R/
W = “H”
Pin R/
W = “L”
68-Series
Pin E = “H”
Pin E = “H”
In the case of the 80-series MPU interface, a command is started by applying a low pulse to the RD pin or the WR
pin.
In the case of the 68-series MPU interface, a command is started by applying a high pulse to the E pin.
 Selection of interface type
The ML9058E carries out data transfer using either the 8-bit bi-directional data bus (DB0 to DB7) or the serial data
input line (SI). Either the 8-bit parallel data input or serial data input can be selected as shown in Table 2 by setting
the P/S pin to the “H” or the “L” level.
Table 2 Selection of interface type (parallel/serial)
P/
S
CS1
CS2
A0
RD
WR
C86
D7
D6
DB0 to DB5
H: Parallel input
L: Serial input
CS1
CS1
CS2
CS2
A0
A0
RD
WR
C86
D7
SI
D6
SCL
DB0 to DB5
A hyphen (—) indicates that the pin can be tied to the “H” or the “L” level.
 Parallel interface
When the parallel interface is selected, (P/S = “H”), it is possible to connect this LSI directly to the MPU bus of
either an 80-series MPU or a 68-series MPU as shown in Table 3. depending on whether the pin C86 is set to “H”
or “L”.
Table 3 Selection of MPU during parallel interface (80–/68–series)
C86
CS1
CS2
A0
RD
WR
DB0 to DB7
H: 68-Series MPU bus
L: 80-Series MPU bus
CS1
CS1
CS2
CS2
A0
A0
E
RD
R/
W
WR
DB0 to DB7
DB0 to DB7
The data bus signals are identified as shown in Table 4 below depending on the combination of the signals A0, RD
(E), and WR (R/W) of Table 3.
Table 4 Identification of data bus signals during parallel interface
Common
68-Series
80-Series
A0
R/
W
RD
WR
Display data read
Display data write
Status read
Control data write (command)
1
1
0
0
1
0
1
0
0
1
0
1
1
0
1
0


Similar Part No. - ML9058E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9058E

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com