Electronic Components Datasheet Search |
|
ML9058E Datasheet(PDF) 19 Page - LAPIS Semiconductor Co., Ltd. |
|
ML9058E Datasheet(HTML) 19 Page - LAPIS Semiconductor Co., Ltd. |
19 / 76 page FEDL9058E-01 LAPIS Semiconductor ML9058E 19/76 Function Pin name Number of pins I/O Description VC5+ 3 O These are the pins for connecting the positive side of the capacitors for voltage multiplication. Connect capacitors between VS1– and these pins. For 2-time voltage multiplication, the pins are configured as inputs for voltage multiplication. Power supply circuit VC6+ 3 O These are the pins for connecting the positive side of the capacitors for voltage multiplication. Connect capacitors between VS2– and these pins. These are the LCD segment drive outputs. One of the levels among V1, V3, V4, and VSS is selected depending on the combination of the display RAM content and the FR signal Output voltage RAM Data FR Forward display Reverse display H H V1 V3 H L VSS V4 L H V3 V1 L L V4 VSS Power save — VSS SEG0 to SEG131 132 O The output voltage is VSS when the Display OFF command is executed. These are the LCD common drive outputs. One of the levels among V1, V2, V5, and VSS is selected depending on the combination of the scan data and the FR signal. Scan data FR Output voltage H H VSS H L V1 L H V2 L L V5 Power save — VSS LCD Drive output COM0 to COM63 64 O The output voltage is VSS when the Display OFF command is executed. COMS0 COMS1 2 O These are the common output pins only for indicators. Both pins output the same signal. Leave these pins open when they are not used. The same signal is output in both master and slave operation modes. Test pin TEST1 1 O These are the pins for testing the IC chip. Leave these pins open during normal use. DUMMY 67 — DUMMY- B 11 — Leave this pin open. |
Similar Part No. - ML9058E |
|
Similar Description - ML9058E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |