Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9058E Datasheet(PDF) 16 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 16 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
16/76
Function
Pin name
Number
of pins
I/O
Description
This is the pin for selecting parallel data input or serial data input.
P/
S = “H”: Parallel data input.
P/
S = “L”: Serial data input.
The pins of the LSI have the following functions depending on the
state of P/
S input.
P/
S
Data/command
Data
Read/Write
Serial clock
“H”
A0
DB0 to DB7
RD, WR
“L”
A0
SI (D7)
SCL(DB6)
MPU
Interface
P/
S
1
I
During serial data input, it is not possible to read the display data in
the RAM
Oscillator
circuit
CLS
1
I
This is the pin for selecting whether to enable or disable the internal
oscillator circuit for the display clock.
CLS = “H”: The internal oscillator circuit is enabled.
CLS = “L”: The internal oscillator circuit is disabled (External input).
When CLS = “L”, the display clock is input at the pin CL.
This is the pin for selecting whether master operation or slave
operation is made towards the ML9058E. During slave operation,
the synchronization with the LCD display system is achieved by
inputting the timing signals necessary for LCD display.
M/
S = “H”: Master operation
M/
S = “L”: Slave operation
The functions of the different circuits and pins will be as follows
depending on the states of M/
S and CLS signals.
M/
S
CLS
Oscillator
circuit
Power
supply circuit
CL
FR
FRS
DOF
“H”
Enabled
Enabled
Output
Output
Output
Output
“H”
“L”
Disabled
Enabled
Input
Output
Output
Output
“H”
Disabled
Disabled
Input
Input
Output
Input
“L”
“L”
Disabled
Disabled
Input
Input
Output
Input
Display
timing
generator
circuit
M/
S
1
I


Similar Part No. - ML9058E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9058E

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com