Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9058E Datasheet(PDF) 15 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 15 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
15/76
PIN DESCRIPTION
Function
Pin name
Number
of pins
I/O
Description
DB0 to
DB7
8
I/O
These are 8-bit bi-directional data bus pins that can be connected to
8-bit standard MPU data bus pins. When a serial interface is selected
(P/
S = “L”):
DB7: Serial data input pin (SI)
DB6: Serial clock input pin (SCL)
In this case, DB0 to DB5 will be in the high impedance state. DB0 to
DB7 will all be in the high impedance state when the chip select is in
the inactive state.
Fix the DB0 to DB5 pins at “H” or “L” level.
A0
1
I
Normally, the lowest bit of the MPU address bus is connected and
used for distinguishing between data and commands.
A0 = “H”: Indicates that DB0 to DB7 is display data.
A1 = “L”: Indicates that DB0 to DB7 is control data.
RES
1
I
Initial setting is made by making
RES = “L”. The reset operation is
made during the active level of the
RES signal.
CS1
CS2
2
I
These are the chip select signals.
The Chip Select of the LSI
becomes active when
CS1 is “L” and also CS2 is “H” and allows the
input/output of data or commands.
RD
(E)
1
I
The active level of this signal is “L” when connected to an 80-series
MPU. This pin is connected to the
RD signal of the 80-series MPU,
and the data bus of the ML9058E goes into the output state when this
signal is “L”.
The active level of this signal is “H” when connected to a 68-series
MPU. This pin will be the Enable and clock input pin when connected
to a 68-series MPU.
When a serial interface is selected (P/
S = “L”), fix this pin at “H” or “L”
level.
WR
(R/
W)
1
I
The active level of this signal is “L” when connected to an 80-series
MPU. This pin is connected to the
WR signal of the 80-series MPU.
The data on the data bus is latched into the ML9058E at the rising
edge of the
WR signal.
When connected to a 68-series MPU, this pin becomes the input pin
for the Read/Write control signal.
R/
W = “H”: Read, R/W = “L”: Write
When a serial interface is selected (P/
S = “L”), fix this pin at “H” or “L”
level.
MPU
Interface
C86
1
I
This is the pin for selecting the MPU interface type.
C86 = “H”: 68-Series MPU interface.
C86 = “L”: 80-Series MPU interface.


Similar Part No. - ML9058E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9058E

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com