Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9058E Datasheet(PDF) 13 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 13 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
13/76
[VDD = 3.7 to 4.5 V, Tj = –40 to +85°C]
Rated value
Parameter
Symbol
Condition
Min
Max
Unit
Serial clock period
tSCYC
250
SCL “H” Pulse width
tSHW
100
SCL “L” Pulse width
tSLW
100
Address setup time
tSAS
150
Address hold time
tSAH
150
Data setup time
tSDS
100
Data hold time
tSDH
100
CS setup time
tCSS
150
CS hold time
tCSH
150
ns
Note 1:
The input signal rise and fall times are specified as 15ns or less.
Note 2:
All timings are specified taking the levels of 20% and 80% of VDD as the reference.
 Display control output timing
CL(OUT)
FR
tDFR
VOH
VIH
VIL
[VDD = 4.5 to 5.5 V, Tj = –40 to +85°C]
Rated value
Parameter
Symbol
Condition
Min
Typ
Max
Unit
FR Delay time
tDFR
CL = 50 pF
10
40
ns
[VDD = 3.7 to 4.5 V, Tj = –40 to +85°C]
Rated value
Parameter
Symbol
Condition
Min
Typ
Max
Unit
FR Delay time
tDFR
CL = 50 pF
20
80
ns
Note 1:
All timings are specified taking the levels of 20% and 80% of VDD as the reference.
Note 2:
Valid only when the device operates in master mode.


Similar Part No. - ML9058E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9058E

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com