Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9058E Datasheet(PDF) 11 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 11 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
11/76
[VDD = 4.5 to 5.5 V, Tj = –40 to +85°C]
Rated value
Parameter
Symbol
Condition
Min
Max
Unit
Address hold time
tAH6
5
Address setup time
tAW6
5
System cycle time
tCYC6
166
Data setup time
tDS6
30
Data hold time
tDH6
10
Access time
tACC6
CL = 100 pF
70
Output disable time
tOH6
10
50
Read
tEWHR
70
Enable H pulse width
Write
tEWHW
30
Read
tEWLR
60
Enable L pulse width
Write
tEWLW
60
ns
[VDD = 3.7 to 4.5 V, Tj = –40 to +85°C]
Rated value
Parameter
Symbol
Condition
Min
Max
Unit
Address hold time
tAH6
5
Address setup time
tAW6
5
System cycle time
tCYC6
300
Data setup time
tDS6
40
Data hold time
tDH6
15
Access time
tACC6
140
Output disable time
tOH6
CL = 100 pF
10
100
Read
tEWHR
120
Enable H pulse width
Write
tEWHW
60
Read
tEWLR
60
Enable L pulse width
Write
tEWLW
60
ns
Note 1:
The input signal rise and fall times are specified as 15ns or less.
When using the system cycle time for fast speed, the specified values are (tr + tf)
 (t
CYC6
tEWLW – tEWHW) or (tr + tf)  (tCYC6 – tEWLR – tEWHR).
Note 2:
All timings are specified taking the levels of 20% and 80% of VDD as the reference.
Note 3:
The values of tEWLW and tEWLR are specified during the overlapping period of CS1 at “L” (CS2 =
“H”) and the “H” level of E.


Similar Part No. - ML9058E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9058E

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com