Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03K110-S21S3 Datasheet(PDF) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 03K110-S21S3
Description  Calibration Adaptor RPC-3.50 Jack ??RPC-SP Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

03K110-S21S3 Datasheet(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  03K110-S21S3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03K110-S21S3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03K110-S21S3 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data Sheet
Calibration Adaptor
RPC-3.50 Jack – RPC-SP Plug
03K110-S21S3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
3 / 3
Declaration of calibration options
Factory Calibration
Standard delivery for this calibration standard includes a Factory Calibration. The Calibration Certificate
issued reports individual calibration results, traceable to Rosenberger standards, national / international
standards are not available. Model based standard definitions are reported in an Agilent/Keysight,
Rohde & Schwarz and Anritsu compatible VNA format.
Accredited Calibration
Not available.
For further, more detailed information see application note AN001 on the Rosenberger homepage.
Calibration interval
Recommendation
12 months
Recommended accessories
- Rosenberger Test Port Adaptor
- Rosenberger RPC-3.50 Kalibration-Kit 03CK001-150 and 03CK010-150
- Rosenberger VNA Test cable kit and Microwave Cable Assemblies
For further, more detailed information please visit our homepage www.rosenberger.com.
Packing
Standard
1 pce in box
Weight
7.0 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Herbert Babinger
19.05.04
Markus Müller
25.10.16
d00
16-1390
Marion Striegler
25.10.16
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 03K110-S21S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03K110-K21S3 ROSENBERGER-03K110-K21S3 Datasheet
1Mb / 3P
Calibration Adaptor
More results

Similar Description - 03K110-S21S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03S105-S00S3 ROSENBERGER-03S105-S00S3 Datasheet
108Kb / 2P
ADAPTOR RPC-3.50 PLUG ??RPC-N 50 PLUG
03K104-S00S3 ROSENBERGER-03K104-S00S3 Datasheet
82Kb / 2P
ADAPTOR RPC-3.50 JACK ??RPC-SL PLUG
03K121-K00S3 ROSENBERGER-03K121-K00S3 Datasheet
61Kb / 2P
RPC-3.50 ADAPTOR
03KR121-K0AS3 ROSENBERGER-03KR121-K0AS3 Datasheet
49Kb / 2P
RPC-3.50 ADAPTOR
03KR121-S0AS3 ROSENBERGER-03KR121-S0AS3 Datasheet
49Kb / 2P
RPC-3.50 ADAPTOR
03S121-S00S3 ROSENBERGER-03S121-S00S3 Datasheet
64Kb / 2P
RPC-3.50 ADAPTOR
03K30R-MSOTS3 ROSENBERGER-03K30R-MSOTS3 Datasheet
2Mb / 3P
RPC-3.50 Calibration Kit Jack
03S30R-MSOS3 ROSENBERGER-03S30R-MSOS3 Datasheet
1Mb / 3P
RPC-3.50 Calibration Kit Plug
03S150-C10S3 ROSENBERGER-03S150-C10S3 Datasheet
100Kb / 3P
RPC-3.50 Calibration Load Plug
03KR121-SR00S3 ROSENBERGER-03KR121-SR00S3 Datasheet
53Kb / 2P
RPC-3.50 ADAPTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com