Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VB60100C-M3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VB60100C-M3
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.36 V at IF = 5 A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB60100C-M3 Datasheet(HTML) 2 Page - Vishay Siliconix

  VB60100C-M3 Datasheet HTML 1Page - Vishay Siliconix VB60100C-M3 Datasheet HTML 2Page - Vishay Siliconix VB60100C-M3 Datasheet HTML 3Page - Vishay Siliconix VB60100C-M3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VB60100C-M3
www.vishay.com
Vishay General Semiconductor
Revision: 15-May-13
2
Document Number: 87988
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
per diode (1)
IF = 5 A
TA = 25 °C
VF
0.45
-
V
IF = 10 A
0.52
-
IF = 15 A
0.58
0.63
IF = 20 A
0.63
-
IF = 30 A
0.73
0.79
IF = 5 A
TA = 125 °C
0.36
-
IF = 10 A
0.45
-
IF = 15 A
0.53
0.58
IF = 20 A
0.58
-
IF = 30 A
0.66
0.70
Reverse current at rated VR
per diode (2)
VR = 80 V
TA = 25 °C
IR
24
500
μA
TA = 125 °C
13
20
mA
VR = 100 V
TA = 25 °C
65
1000
μA
TA = 125 °C
30
-
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VB60100C
UNIT
Typical thermal resistance per diode
RJC
2.5
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-263AB
VB60100C-M3/4W
1.38
4W
50/tube
Tube
TO-263AB
VB60100C-M3/8W
1.38
8W
50/tube
Tape and reel
Case Temperature (°C)
60
50
40
30
20
10
0
0
25
50
75
100
125
150
175
Resistive or Inductive Load
70
D = 0.1
D = 0.3
D = 0.5
D = 0.8
D = 0.2
D = 1.0
0
0
5
10
15
20
25
30
35
5
10
15
20
25
30
Average Forward Current (A)
D = t
p/T
t
p
T


Similar Part No. - VB60100C-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VB60100C-M3 VISHAY-VB60100C-M3_15 Datasheet
78Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 15-May-13
More results

Similar Description - VB60100C-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V60100C-M3 VISHAY-V60100C-M3 Datasheet
136Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.36 V at IF = 5 A
Revision: 11-May-16
VF60100C VISHAY-VF60100C Datasheet
91Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.36 V at IF = 5 A
Revision: 17-Aug-15
V60100C VISHAY-V60100C_08 Datasheet
150Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.36 V at IF = 5 A
Revision: 19-May-08
VF20100R VISHAY-VF20100R_15 Datasheet
83Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
Revision: 17-Aug-15
V40D120C-M3 VISHAY-V40D120C-M3 Datasheet
109Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.45 V at IF = 5 A
Revision: 06-Feb-15
V60M120C-M3 VISHAY-V60M120C-M3 Datasheet
129Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
Revision: 10-May-16
V40150C-E3 VISHAY-V40150C-E3 Datasheet
157Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
Revision: 13-Dec-16
VT60L45PW VISHAY-VT60L45PW Datasheet
96Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.24 V at IF = 5 A
Revision: 08-Jan-14
V30M120C VISHAY-V30M120C Datasheet
144Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 17-Nov-16
V20100C-E3 VISHAY-V20100C-E3 Datasheet
167Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 13-Dec-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com