Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 35Page - NXP Semiconductors SAA7824 Datasheet HTML 36Page - NXP Semiconductors SAA7824 Datasheet HTML 37Page - NXP Semiconductors SAA7824 Datasheet HTML 38Page - NXP Semiconductors SAA7824 Datasheet HTML 39Page - NXP Semiconductors SAA7824 Datasheet HTML 40Page - NXP Semiconductors SAA7824 Datasheet HTML 41Page - NXP Semiconductors SAA7824 Datasheet HTML 42Page - NXP Semiconductors SAA7824 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
2003 Oct 01
39
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
7.17.1.7
Write servo commands
A write data command is used to transfer data (a number
of bytes) from the microcontroller, using the protocol
illustrated in Fig.31. The first of these bytes is the
command byte and the following are data bytes; the
number (between 1 and 7) depends on the command
byte.
It should be noted that RAB must be held LOW; the
command or data is interpreted by the SAA7824 after the
HIGH-to-LOW transition of SILD; there must be a
minimum time of 70
µs between SILD pulses.
7.17.1.8
Writing repeated data in servo commands
The same data byte can be repeated by applying extra
SILD pulses as illustrated in Fig.32. SCL must be HIGH
between the SILD pulses.
7.17.1.9
Read servo commands
A read data command is used to transfer data (status
information) to the microcontroller, using the protocol
shown in Fig.33. The first byte written determines the type
of command. After this byte a variable number of bytes can
be read. It should be noted that RAB must be held LOW;
after the end of the command byte (LOW-to-HIGH
transition on SILD) there must be a delay of 70
µs before
data can be read (i.e. the next HIGH-to-LOW transition on
SILD) and there must be a minimum time of 70
µs between
SILD pulses.
7.17.2
MICROCONTROLLER INTERFACE (I2C-BUS MODE)
Bytes are transferred over the interface in groups (i.e.
servo commands) of which there are two types: write data
commands and read data commands.
The sequence for a write data command (that requires
3 data bytes) is as follows:
1. Send START condition.
2. Send address 30H (write).
3. Write command byte.
4. Write data byte 1.
5. Write data byte 2.
6. Write data byte 3.
7. Send STOP condition.
It should be noted that more than one command can be
sent in one write sequence.
The sequence for a read data command (that reads 2 data
bytes) is as follows:
1. Send START condition.
2. Send address 30H (write).
3. Write command byte.
4. Send STOP condition.
5. Send START condition.
6. Send address 31H (read).
7. Read data byte 1.
8. Read data byte 2.
9. Send STOP condition.
It should be noted that the timing constraints specified for
the read and write servo commands must still be adhered
to.
handbook, full pagewidth
A3
A2
A1
A0
D3
D2
D1
D0
SDA
(SAA782X)
SCL
(microcontroller)
RAB
(microcontroller)
SDA
(microcontroller)
MBL445
high-impedance
Fig.25 Microcontroller write protocol for registers 0 to F.


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
logo
Sony Corporation
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com