Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 34Page - NXP Semiconductors SAA7824 Datasheet HTML 35Page - NXP Semiconductors SAA7824 Datasheet HTML 36Page - NXP Semiconductors SAA7824 Datasheet HTML 37Page - NXP Semiconductors SAA7824 Datasheet HTML 38Page - NXP Semiconductors SAA7824 Datasheet HTML 39Page - NXP Semiconductors SAA7824 Datasheet HTML 40Page - NXP Semiconductors SAA7824 Datasheet HTML 41Page - NXP Semiconductors SAA7824 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 89 page
background image
2003 Oct 01
38
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
7.17.1
MICROCONTROLLER INTERFACE (4-WIRE BUS MODE)
7.17.1.1
Writing data to registers 0 to F
The sixteen 4-bit programmable configuration registers,
0 to F (see Table 15), can be written to via the
microcontroller interface using the protocol shown in
Fig.25. It should be noted that SILD must be held HIGH;
A3 to A0 identifies the register number and D3 to D0 is the
data. The data is latched into the register on the
LOW-to-HIGH transition of RAB.
7.17.1.2
Writing repeated data to registers 0 to F
The same data can be repeated several times (e.g. for a
fade function) by applying extra RAB pulses as shown in
Fig.26. It should be noted that SCL must stay HIGH
between RAB pulses.
7.17.1.3
Multiple writes to the new shadow registers
Some of the new shadow registers are a multiple of four
bits in length and require a number of write operations to
fill them up; see Section 7.17.5. They must be completely
filled before writing to another register, otherwise
unpredictable behaviour may result.
The protocol for writing to these registers is exactly the
same as the decoder registers; see Fig.25. The write
command must be executed multiple times with the same
address content. The first four bits of data in a sequence
of write commands represent the most significant nibble of
the register, while the last four represent the least
significant nibble. The data content can change from one
write to the next without consequence.
7.17.1.4
Reading decoder status information on SDA
There are several internal status signals, selected via
register 2, which can be made available on the SDA line:
• SUBQREADY-I: LOW if new subcode word is ready in
Q-channel register
• MOTSTART1: HIGH if motor is turning at 75% or more
of nominal speed
• MOTSTART2: HIGH if motor is turning at 50% or more
of nominal speed
• MOTSTOP: HIGH if motor is turning at 12% or less of
nominal speed; can be set to indicate 6% or less
(instead of 12% or less) via register E
• PLL lock: HIGH if sync coincidence signals are found
• V1: follows input on pin V1
• V2: follows input on pin V2
• MOTOR-OV: HIGH if the motor servo output stage
saturates.
The status read protocol is illustrated in Fig.27. It should be
noted that SILD must be held HIGH.
7.17.1.5
Reading Q-channel subcode
To read the Q-channel subcode direct in the 4-wire bus
mode, the SUBQREADY-I signal should be selected as
the status signal. The subcode read protocol is illustrated
in Fig.28.
It should be noted that SILD must be held HIGH; after
subcode read starts, the microcontroller may take as long
as it wants to terminate the read operation. When enough
subcode has been read (1 to 96 bits), the reading can be
terminated by pulling RAB LOW.
Alternatively, the Q-channel subcode can be read using a
servo command as follows:
• Use the read high-level status command to monitor the
subcode ready signal
• Send the read subcode command and read the required
number of bytes (up to 12)
• Send the read high-level status command; to re-enable
the decoder interface.
7.17.1.6
Behaviour of the SUBQREADY-I signal
When the CRC of the Q-channel word is good, and no
subcode is being read, the SUBQREADY-I status signal
will react as illustrated in Fig.29. When the CRC is good
and the subcode is being read, the timing in Fig.30 applies.
If t1 (SUBQREADY-I status LOW to end of subcode read)
is below 2.6/n ms, then t2 = 13.1/n ms (i.e. the
microcontroller can read all subcode frames if it completes
the read operation within 2.6/n ms after the subcode is
ready). If these criteria are not met, it is only possible to
guarantee that t3 will be below 26.2/n ms (approximately).
If subcode frames with failed CRCs are present, the t2
and t3 times will be increased by 13.1/n ms for each
defective subcode frame.
It should be noted that in the lock-to-disc mode ‘n’ is
replaced by ‘d’, which is the disc speed factor.


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com